Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO35 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # DO35
Description  Thermometrics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DO35 Datasheet(HTML) 2 Page - Amphenol Corporation

  DO35 Datasheet HTML 1Page - Amphenol Corporation DO35 Datasheet HTML 2Page - Amphenol Corporation DO35 Datasheet HTML 3Page - Amphenol Corporation DO35 Datasheet HTML 4Page - Amphenol Corporation DO35 Datasheet HTML 5Page - Amphenol Corporation DO35 Datasheet HTML 6Page - Amphenol Corporation DO35 Datasheet HTML 7Page - Amphenol Corporation DO35 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Type DK
Specifications
Chip thermistor in DO-35 glass package
Options
• Other resistance values within the ranges
shown; e.g. code DKA302*2 for 3000
Ω
±2% at 77°F (25°C)
• Reference temperatures in the range 0°F
to 302°F (-18°C to 150°C)
• Operation to 572°F (300°C) (no solder
coating on wires)
• Wire lengths 0.16 in to 1.26 in (4 mm to
32 mm)
±0.04 in (±1 mm) for DK-N; up to 1.02 in
(26 mm) for DK-H
Coding
Replace * in the codes shown below as
follows:
• Axial, loose-packed: N
• Axial, bandoliered: B
• Radial, loose-packed: H
• Surface mount, loose-packed: M
R25
Ω
Material
system
B 25/85 K
Code
R25 ±2%
Code
R25 ±3%
Code
R25 ±5%
Code
R25 ±10%
2000
2
3540 ±1%
DKA202*2
DKA202*3
DKA202*5
DKA202*10
5000
2
3540 ±1%
DKA502*2
DKA502*3
DKA502*5
DKA502*10
10,000
2
3540 ±1%
DKA103*2
DKA103*3
DKA103*5
DKA103*10
10,000
5A
3730 ±2%
DKC103*3
DKC103*5
DKC103*10
12,000
5A
3730 ±2%
DKC123*2
DKC123*3
DKC123*5
DKC123*10
10,000
3
3960 ±1%
DKF103*2
DKF103*3
DKF103*5
DKF103*10
20,000
3
3960 ±1%
DKF203*2
DKF203*3
DKF203*5
DKF203*10
30,000
3
3960 ±1%
DKF303*2
DKF303*3
DKF303*5
DKF303*10
50,000
3
3960 ±1%
DKF503*2
DKF503*3
DKF503*5
DKF503*10
100,000
3
3960 ±1%
DKF104*2
DKF104*3
DKF104*5
DKF104*10
200,000
G
4263 ±2%
DKG204*5
DKG204*10
500,000
D
4573 ±2%
DKD504*5
DKD504*10
1,000,000
D
4573 ±2%
DKD105*5
DKD105*10
Data
• Operating temperature: -40°F to 482°F (-40°C to 250°C)
• Thermal time constant: 7 seconds (cooling in air)
• Dissipation factor: 3.0 mW/K
• Mass: 0.2 g
• Packing/MOQ: 1000/box (loose),
5000/reel (bandoliered)
NTC Type DK wires should not be bent within 0.08 in (2 mm) of glass body
0.1 in (2.8 mm)
nominal
DK-N
0.08 in (2 mm)
maximum
0.02 in (0.5 mm)
nominal
0.08 in (2
mm)
nominal
0.16 in (4 mm)
maximum
1.06 in (27 mm)
minimum
0.2 in (4.2 mm)
maximum
Inside radius
0.05 in (1.2
mm)
nominal
0.8 in (19.5 mm) ±1
Ø 0.02 in (0.5 mm)
DK-H
See separate tables for resistance-temperature data..
Consult factory for additional tolerance requirements.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com