Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC30 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SC30
Description  Thermometrics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC30 Datasheet(HTML) 1 Page - Amphenol Corporation

  SC30 Datasheet HTML 1Page - Amphenol Corporation SC30 Datasheet HTML 2Page - Amphenol Corporation SC30 Datasheet HTML 3Page - Amphenol Corporation SC30 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC
Interchangeable
Type SC Series
Thermometrics
Thermistors
Features
• Precision, solid state temperature sensor
• Epoxy filled sleeve for controlled diameter
• Interchangeability down to ±0.18°F (±0.10°C)
• Suitable for use over the range of -40°F to 302°F
(–40°C to 150°C
• High sensitivity greater than –4%/°C at 77°F
(25°C)
• Most popular Resistance (R) vs Temperature (T)
curves are availablee
• Suitable for temperature measurement , control
and compensation
• Ideal for medical applications
• Fully insulated
• Sleeved for good mechanical strength and
resistance to solvents
• 0.008 in (0.2 mm) diameter heavy isomid
insulated bifilar copper lead wires for SC50
• 0.004 in (0.1 mm) diameter heavy isomid
insulated bifilar nickel lead wires for SC30
Amphenol
Advanced Sensors


Similar Part No. - SC30

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-01 FRONTIER-SC30-01 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-02 FRONTIER-SC30-02 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-04 FRONTIER-SC30-04 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
More results

Similar Description - SC30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
Thermometrics Thermistors
logo
Amphenol Corporation
P20 AMPHENOL-P20 Datasheet
73Kb / 4P
Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
Thermometrics Thermistors
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
Thermometrics
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
Thermometrics Fastip
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
Thermometrics PTC Thermistors
ZTP-015 AMPHENOL-ZTP-015 Datasheet
96Kb / 2P
Thermometrics IR Sensor
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
Thermometrics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com