Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP60 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SP60
Description  Ultra-stable Probe Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP60 Datasheet(HTML) 2 Page - Amphenol Corporation

  SP60 Datasheet HTML 1Page - Amphenol Corporation SP60 Datasheet HTML 2Page - Amphenol Corporation SP60 Datasheet HTML 3Page - Amphenol Corporation SP60 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SP60/65/85/100 Specifications
NTC Type SP60/65/85/100 dimensions
Thermal and Electrical Properties
The following table lists the thermal and electrical
properties for all ultra-stable probe thermistors.
All definitions and test methods are per MIL-
PRF-23648
Table A
Thermistor Type
SP60
SP65
SP85
SP100
Body Dimensions
Max. Diameter
.060 in (1.5 mm)
.065 in (1.6 mm)
.085 in (2.1 mm)
.100 in (2.5 mm)
Standard Lengths
Code “A”
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
.125 in (3.2 mm)
Code “B”
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
Code “D”
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
Lead-wires
Nominal Diameter
.008 in (.20 mm)
.008 in (.20 mm)
.012 in (.30 mm)
.012 in (.30 mm)
Minimum Lead Length
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
Lead Material
Class “A” 200°F (105°C)
Tinned Dumet
Tinned Dumet
Tinned Dumet
Tinned Dumet
Class “B” 392°F (200°C)
Platinum Alloy
Platinum Alloy
Platinum Alloy
Platinum Alloy
Class “C” 572°F (300°C)
Platinum Alloy
Platinum Alloy
Platinum Alloy
Platinum Alloy
Thermal Time Constant
Still Air at 77°F (25°C)
12 sec
13 sec
16 sec
22 sec
Plunge into Water
300 msec
320 msec
400 msec
600 msec
Dissipation Constant
Still Air at 77°F (25°C)
.60 mW/°C
.65 mW/°C
.85 mW/°C
1.00 mW/°C
Still Water at 77°F (25°C)
3.00 mW/°C
3.30 mW/°C
4.00 mW/°C
5.00 mW/°C
Power Rating (in air)
100% Maximum Power Rating @ 77°F (25°C)
.048 Watts
.052 Watts
.068 Watts
.080 Watts
Derated to 0% @ Maximum Temperature
See Class
See Class
See Class
See Class



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com