Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC30F502V Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SC30F502V
Description  Thermometrics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC30F502V Datasheet(HTML) 2 Page - Amphenol Corporation

  SC30F502V Datasheet HTML 1Page - Amphenol Corporation SC30F502V Datasheet HTML 2Page - Amphenol Corporation SC30F502V Datasheet HTML 3Page - Amphenol Corporation SC30F502V Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type SC30
Specifications
NTC Interchangeable Type SC30
Sleeved interchangeable chip thermistors with heavy
isomid insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of
1000 Ω to 100 kΩ
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
Thermal and Electrical Properties
Dissipation Constant
Still air:
0.4 mW/°C
Stirred oil:
3 mW/°C
Thermal Time Constant
Still air:
5 seconds
Stirred oil:
0.3 seconds
Maximum Power at 77°F (25°C)
~30 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F
(100°C)
Ordering Information
Select appropriate part number below for resistance
and temperature tolerance desired.
R25°C
Material
System
±0.18°F (±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F (±0.2°C)
32°F to 158°F
(0°C to 70°C)
2252
F
SC30F232V
SC30F232W
3000
F
SC30F302V
SC30F302W
5000
F
SC30F502V
SC30F502W
10000
F
SC30F103V
SC30F103W
10000
Y
SC30Y103V
SC30Y103W
30000
H
SC30H303V
SC30H303W
50000
G
SC30G503V
SC30Y503W
100000
Y
SC30Y104V
SC30Y104W
100000
G
SC30G104V
SC30G104W
NTC Interchangeable Type SC30 dimensions
Epoxy fillet
38GA, nickel, alloy
Bifilar leads
Ø 0.030 in
(0.76 mm)
maximum
1.5 in (38 mm) minimum
Length from 0.04 to 0.12 in (1 to 3 mm)
depending on resistance of thermistor
Polyimide sleeve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com