Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC_HCT151 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 74HC_HCT151
Description  74HC/HCT151 8-input multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

74HC_HCT151 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  74HC_HCT151 Datasheet HTML 1Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 2Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 3Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 4Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 5Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 6Page - Integrated Circuit Systems 74HC_HCT151 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
8-input multiplexer
74HC/HCT151
FEATURES
• True and complement outputs
• Multifunction capability
• Permits multiplexing from n lines to 1 line
• Non-inverting data path
• See the “251” for the 3-state version
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT151 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL).
They are specified in compliance with JEDEC standard no. 7A.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5 V
In to Y, Y
1719ns
Sn to Y, Y
1920ns
E to Y
1213ns
E to Y
1418ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
40
40
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com