Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC65G503C Datasheet(PDF) 1 Page - Amphenol Corporation

Part # MC65G503C
Description  Precision, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MC65G503C Datasheet(HTML) 1 Page - Amphenol Corporation

  MC65G503C Datasheet HTML 1Page - Amphenol Corporation MC65G503C Datasheet HTML 2Page - Amphenol Corporation MC65G503C Datasheet HTML 3Page - Amphenol Corporation MC65G503C Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC
Interchangeable
Type 65 Series
Thermometrics
Thermistors
Features
• Precision, solid state temperature sensor
• For MC65: Interchangeability down to ±0.09°F
(±0.05°C)
• For MF65: Interchangeability down to ±0.18°F
(±0.10°C)
• Suitable for use over range of -40°F to 221°F
(–40°C to 105°C)
• High sensitivity greater than –4%/°C at 77°F
(25°C)
• Suitable for temperature measurement,
control and compensation
• High reliability and stability over
interchangeable range
• Most popular Resistance (R) vs Temperature (T)
curves are available
• Special tight tolerances in the clinical range for
medical applications for MC65
• For MC65: Resin coated for good mechanical
strength and resistance to solvents
• 0.004 in (0.1 mm) diameter heavy isomid
insulated bifilar nickel lead wires
• For MF65: Fluidized bed epoxy-coated for
good mechanical strength and resistance to
solvents
Amphenol
Advanced Sensors


Similar Part No. - MC65G503C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC65 AMPHENOL-MC65 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Optronics International
MC65 OPTRONICS-MC65 Datasheet
167Kb / 1P
Wiring/Molded Plugs for Thinline Marker/Clearance & Utility Lights
MC65AB OPTRONICS-MC65AB Datasheet
151Kb / 2P
Sealed Marker/Clearance Lights - PC Rated
MC65RB OPTRONICS-MC65RB Datasheet
151Kb / 2P
Sealed Marker/Clearance Lights - PC Rated
More results

Similar Description - MC65G503C

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
SOLID STATE SENSOR
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
SOLID STATE SENSOR
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
SOLID STATE SENSOR
logo
Amphenol Corporation
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
Low cost, solid state temperature sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
Low cost, solid state temperature sensor
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
Precision, solid state temperature sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com