Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM831 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM831
Description  LM831 Low Voltage Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM831 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM831 Datasheet HTML 4Page - National Semiconductor (TI) LM831 Datasheet HTML 5Page - National Semiconductor (TI) LM831 Datasheet HTML 6Page - National Semiconductor (TI) LM831 Datasheet HTML 7Page - National Semiconductor (TI) LM831 Datasheet HTML 8Page - National Semiconductor (TI) LM831 Datasheet HTML 9Page - National Semiconductor (TI) LM831 Datasheet HTML 10Page - National Semiconductor (TI) LM831 Datasheet HTML 11Page - National Semiconductor (TI) LM831 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Applications (Continued)
Dual Amplifier for Hi-Fi Quality
TLH6754 – 10
AV e 34 dB BW e 50 Hz to 20 kHz
POUT e 220 mWCh RL e 4X
(Dynamic Range Over 80 dB)
Low-Cost Power Amplifier (No Bootstrap)
TLH6754 – 11
POUT e 150 mWCh BW e 300 Hz to 35 kHz
BTL Mode is also possible
For 3-cell applications the 120k resistor should be changed to 20K
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com