Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKA103M2 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # DKA103M2
Description  Thermometrics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

DKA103M2 Datasheet(HTML) 5 Page - Amphenol Corporation

  DKA103M2 Datasheet HTML 1Page - Amphenol Corporation DKA103M2 Datasheet HTML 2Page - Amphenol Corporation DKA103M2 Datasheet HTML 3Page - Amphenol Corporation DKA103M2 Datasheet HTML 4Page - Amphenol Corporation DKA103M2 Datasheet HTML 5Page - Amphenol Corporation DKA103M2 Datasheet HTML 6Page - Amphenol Corporation DKA103M2 Datasheet HTML 7Page - Amphenol Corporation DKA103M2 Datasheet HTML 8Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Ro@25°
C (
Ω )
Material System
Beta 25/85
Type Number
250
GE5.5*
2983
03006-165.9-55-K
500
GE5.5*
2983
03006-331.8-55-K
1K
GE7.3
3499
03006-624-73-K
2K
GE7.3
3499
03006-1248-73-K
2786
GE10.1
4102
03006-1576-101-K
3K
GE7.6
3553
03006-1847-76-K
4K
GE7.6
3553
03006-2463-76-K
5K
GE7.6
3553
03006-3079-76-K
10K
GE9.7A
3992
03006-5818-97-K
20K
GE9.8
3974
03006-11.7K-98-K
30K
GE9.8
3974
03006-17.53K-98-K
50K
GE9.7B
3952
03006-29.1K-97-K
100K
GE9.7B
3952
03006-58.2-97-K
200K
GE12.3
4365
03006-111.3K-123-K
500K
GE13.8
4567
03006-269.8K-138-K
1M
GE14.5
4661
03006-535K-145-K
5M
GE16.4
4848
03006-2.6M-164-K
*maximum operating temperature 302°F (150°C)
Type MELF
Specifications
Glass encapsulated SMD thermistor
Description
Hermetically sealed, glass encapsulated
thermistor in SOD-80 SMD package.
Options
• For ±5% @ 77°F (25°C), replace “K” with “J”
• For ±3% @ 77°F (25°C), replace “K” with
“H”
• For ±2% @ 77°F (25°C), replace “K” with
“G”
• For reel taping add “R” suffix
• Other resistances in the range 250
Ω to 5
M
Ω available
• Other tolerances, tolerances at other
temperatures
Data
• Standard resistance tolerance: ±10% @ 77°F
(25°C)
• Dissipation constant: 3.0 mW/°C
• Time constant: 7 seconds
• Operating range: -58°F to 400°F (-50°C to 204°C
NTC Type MELF dimensions
Tinned dumet contacts
(2 places)
Glass
Ø 0.063 to 0.067 in
(1.6 to 1.7 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.13 to 0.146 in
(3.3 to 3.71 mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com