Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

591D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 591D
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Low ESR, Conformal Coated, Maximum CV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

591D Datasheet(HTML) 1 Page - Vishay Siliconix

  591D Datasheet HTML 1Page - Vishay Siliconix 591D Datasheet HTML 2Page - Vishay Siliconix 591D Datasheet HTML 3Page - Vishay Siliconix 591D Datasheet HTML 4Page - Vishay Siliconix 591D Datasheet HTML 5Page - Vishay Siliconix 591D Datasheet HTML 6Page - Vishay Siliconix 591D Datasheet HTML 7Page - Vishay Siliconix 591D Datasheet HTML 8Page - Vishay Siliconix 591D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.vishay.com
89
591D
Vishay Sprague
Document Number 40012
Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Low ESR, Conformal Coated,
Maximum CV
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C. (To + 125°C
with voltage derating.)
Capacitance Range: 1µF to 1000µF
FEATURES
• New case size offerings.
• 1.2mm to 2mm height
• Terminations: Lead (Pb)-free (2) standard.
• Very low ESR
• 8mm, 12mm tape and reel packaging available per EIA-
481-1 and reeling per IEC 286-3. 7” [178mm] standard.
13” [330mm] available.
• Footprint compatible with EIA 535BAAC and
CECC 30801 molded chips.
Note: The anode termination (D less B) will be a minimum of .012" [0.3mm].
CASE CODE
L (MAX.)
W
H
A
B
D (REF.)
J (MAX.)
A
0.147
0.072 ± 0.012
0.047 ± 0.012
0.031 ± 0.012
0.085 ± 0.016
0.115
0.004
[3.7]
[1.8 ± 0.3]
[1.2 ± 0.3]
[0.80 ± 0.30]
[2.2 ± 0.4]
[2.9]
[0.1]
B
0.159
0.110 + 0.012 - 0.016
0.047 ± 0.012
0.031 ± 0.012
0.097 ± 0.016
0.127
0.004
[4.0]
[2.8 + 0.3 - 0.4]
[1.2 ± 0.3]
[0.80 ± 0.30]
[2.5 ± 0.4]
[3.2]
[0.1]
C
0.282
0.126 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.238
0.004
[7.1]
[3.2 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.0]
[0.1]
D
0.298
0.170 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.254
0.004
[7.5]
[4.3 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.4]
[0.1]
R
0.286
0.235 ± 0.012
0.047 ± 0.012
0.051 ± 0.012
0.180 ± 0.024
0.246
0.004
[7.2]
[6.0 ± 0.3]
[1.2 ± 0.3]
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.2]
[0.1]
U
0.282
0.126 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.238
0.004
[7.1]
[3.2 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.0]
[0.1]
V
0.298
0.170 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.254
0.004
[7.5]
[4.3 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.4]
[0.1]
W
0.286
0.235 ± 0.012
0.079
0.051 ± 0.012
0.180 ± 0.024
0.246
0.004
[7.2]
[6.0 ± 0.3]
[2.0] Max.
[1.3 ± 0.3]
[4.6 ± 0.6]
[6.2]
[0.1]
DIMENSIONS in inches [millimeters]
W
D
L
A
B
J
J
Tantalum Wire
Nib Identifies
Anode (+)
Terminal
H
Capacitance Tolerance: ±10%, ±20% standard.
Voltage Rating: 4WVDC to 10WVDC, (16WVDC,
20WVDC, and 25WVDC under development)
ORDERING INFORMATION
T
REEL SIZE AND
PACKAGING
591D
TYPE
2
TERMINATION
W
CASE CODE
6R3
DC VOLTAGE RATING
@ + 85°C
X0
CAPACITANCE
TOLERANCE
477
CAPACITANCE
This is expressed in
picofarads. The first
two digits are the
significant figures. The
third is the number of
zeros to follow.
X0 =
± 20%
X9 = ± 10%
This is expressed in volts.
To complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an "R"
(6R3 = 6.3 volts).
See
Ratings
and Case
Codes
Table.
2 = 100% Tin.
T = Tape and Reel
7" [178mm] Reel
W = 13” [330mm]
Reel
Note: Preferred Tolerance and reel sizes are in bold.
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage
substitutions will be marked with the higher voltage rating
Note: U, V and W are similar to C, D and R footprint (592D) with a 2mm height


Similar Part No. - 591D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
591D VISHAY-591D Datasheet
123Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
23-Jan-08
591D VISHAY-591D Datasheet
328Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
26-Jun-17
591D VISHAY-591D Datasheet
401Kb / 21P
Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated, Maximum CV, Low ESR
Revision: 06-Nov-2025
591D105X_035A2_15H VISHAY-591D105X_035A2_15H Datasheet
123Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
23-Jan-08
591D105X_035B2_15H VISHAY-591D105X_035B2_15H Datasheet
123Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
23-Jan-08
More results

Similar Description - 591D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D Datasheet
195Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
09-Mar-05
591D VISHAY-591D_08 Datasheet
123Kb / 8P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
23-Jan-08
591D686X9025R2T20H VISHAY-591D686X9025R2T20H Datasheet
120Kb / 10P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
10-Jan-13
592D228X06R3X2T20H VISHAY-592D228X06R3X2T20H Datasheet
126Kb / 12P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
10-Jan-13
592D228X96R3X2T20H VISHAY-592D228X96R3X2T20H Datasheet
128Kb / 12P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Low ESR, Conformal Coated, Maximum CV
25-Jun-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
11-May-09
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
25-Jun-13
591D VISHAY-591D_17 Datasheet
328Kb / 24P
Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Low ESR, Conformal Coated, Maximum CV
26-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com