Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTP65 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # CTP65
Description  Thermometrics temperature sensor solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CTP65 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button CTP65 Datasheet HTML 3Page - Amphenol Corporation CTP65 Datasheet HTML 4Page - Amphenol Corporation CTP65 Datasheet HTML 5Page - Amphenol Corporation CTP65 Datasheet HTML 6Page - Amphenol Corporation CTP65 Datasheet HTML 7Page - Amphenol Corporation CTP65 Datasheet HTML 8Page - Amphenol Corporation CTP65 Datasheet HTML 9Page - Amphenol Corporation CTP65 Datasheet HTML 10Page - Amphenol Corporation CTP65 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NTCThermistors
Epoxy and silicone-coated chip thermistors
TK95
DC95
EC95
MC65
MF65
SC30
SC50
ND
NK
MS
C100
NDK
NDP
NDM
NDL
TC
ü ü
ü
• Interchangebility
options down to
±0.1°C accuracy 0 to
100°C range
• Headsize0.8to2.4
mm
• Automatedassembly
Automotive engine
management,
air conditioning,
medical, clinical
thermometers,
blood analysis
Glass encapsulated DO-35 package
DK
GE
TH
ü ü
• Tmax300°C
• Hermaticseal
• Highvoltage
insulation
• Bandolieredforauto
PCBinsertion
Batterypacks,
toasters, hair
dryers, automotive
transmissions,
smoke detectors,
environmental
control
Discs with radial leads
RL10
RL14
RL20
RL30
RL35/40/45
ü ü ü
• Operationathigh
currents
• Widerangeof
resistance vs
temperature curves
• Customdesign
Automotive engine
temperature,
temperature
compensation
Discs for inrush current limiting
CL
TP
T5D
ü
• Continuouscurrent
ratings 1.1 to 16 A
• Coldresistances0.7
to
120W
• SomeUL-approved
versions
Soft start for
switch mode
power supplies,
filament lamp
circuits
Suface mount chips
NHQ
NHQM
NHQMM
TM
ü ü
• 0402,0603,0805,
1206 sizes
• Nibarrier
terminations
• Resistancetolerances
down to ±1%
Rechargeable
battery packs,
LCDtemperature
compensation
Description
Codes
Key Features
Typical Uses
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com