Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5122 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5122
Description  8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5122 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5122 Datasheet HTML 1Page - Texas Instruments ADS5122 Datasheet HTML 2Page - Texas Instruments ADS5122 Datasheet HTML 3Page - Texas Instruments ADS5122 Datasheet HTML 4Page - Texas Instruments ADS5122 Datasheet HTML 5Page - Texas Instruments ADS5122 Datasheet HTML 6Page - Texas Instruments ADS5122 Datasheet HTML 7Page - Texas Instruments ADS5122 Datasheet HTML 8Page - Texas Instruments ADS5122 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ADS5122
SBAS272B – MAY 2003 – REVISED JUNE 2004
www.ti.com
DESCRIPTION
The ADS5122 is a low-power, 8-channel, 10-bit, 65MSPS
CMOS Analog-to-Digital Converter (ADC) that operates from
a single 1.8V supply, while offering 1.8V and 3.3V digital I/O
flexibility. A single-ended input clock is used for simultaneous
sampling of up to eight analog differential input channels. The
flexible duty cycle adjust circuit (DCASEL) allows the use of a
non-50% clock duty cycle. Individual standby pins allow users
the ability to power-down any number of ADCs.
The internal reference can be bypassed to use an external
reference to suit the accuracy and temperature drift require-
ments of the application. A 10-bit parallel bus on eight chan-
nels is provided with 3-state outputs.
The speed, resolution, and low power of the ADS5122 make
it ideal for applications requiring high-density signal process-
ing in low-power environments.
The ADS5122 is characterized for operation from 0
°C to 70°C.
FEATURES
q 8 DIFFERENTIAL ANALOG INPUTS
q 1V
PP DIFFERENTIAL INPUT RANGE
q INT/EXT VOLTAGE REFERENCE
q ANALOG/DIGITAL SUPPLY: 1.8V
q DIGITAL I/O SUPPLY: 1.8V/3.3V
q DIFFERENTIAL NONLINEARITY:
±0.4LSB
q INTEGRAL NONLINEARITY:
±1.0LSB
q SIGNAL-TO-NOISE: 59dB at f
IN = 20MHz
q POWER DISSIPATION: 733mW
q INDIVIDUAL CHANNEL POWER-DOWN
q 257-LEAD, 0.8 BALL PITCH, PLASTIC
MicroSTAR BGA™ (16mm • 16mm)
Copyright © 2003-2004, Texas Instruments Incorporated
8-Channel, 10-Bit, 65MSPS, 1.8V
CMOS ANALOG-TO-DIGITAL CONVERTER
MicroSTAR BGA is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
A
10-Bit
ADC
3-State
Output
Buffers
D[9:0]
H
DCASEL
AINA+
CLK
AINA–
AINH–
AINH+
IREFR
AV
DD
STBY
OE
DRV
DD
DV
DD
Internal
Reference
Circuit
CM
AGND
DRVGND DGND
BG
PDREF REFT REFB
CML
APPLICATIONS
q PORTABLE ULTRASOUND
q PORTABLE INSTRUMENTATION
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
ADS
5122


Similar Part No. - ADS5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5122 TI1-ADS5122 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CGHK TI1-ADS5122CGHK Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122CZHK TI1-ADS5122CZHK Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com