Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809061600 Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # 0809061600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809061600 Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button 0809061600 Datasheet HTML 65Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 66Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 67Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 68Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 69Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 70Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 71Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 72Page - List of Unclassifed Manufacturers 0809061600 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
67
Dimension
mm
Dimensions
Inches
W x H x D
W x H x D
Accessories
68 x 136 x 224.5
68 x 136 x 252.5
72 x 144 x 224.5
72 x 144 x 252.5
2.68 x 5.35 x 8.83
2.68 x 5.35 x 9.94
2.83 x 5.67 x 8.34
2.83 x 5.67 x 9.94
• Ideal for mounting individual PCBs or cassettes in installation widths up to 12 TE
• NG version with the wraparound molded covering frame can be installed in control
panels
• With lockable clear lid, this enclosure provides ingress protection IP 65
Included in delivery
All models: Base and rear section, upper and lower guide
grids, tapped strips and screws. CC...TK includes hinged
clear door with knob. CC...NG includes molded-on
installation frame on the base and retaining clasps. CC...
NGTK additionally includes hinged clear door with knob.
Technical Data
Color
Material
Gasket
Ingress Protection
Surface Resistance
Disruptive Strength
Flammability
Temperature Resistance
Base, light gray, similar to RAL 7035; rear part, graphite gray, similar to RAL 7024; front
door clear. Special colors available on request. Minimum order quantities apply.
ABS, clear Polycarbonate front door
Neoprene
For version CC 500 TK/NGTK: IP 65 / DIN EN 60529, NEMA 12
ABS, >1014 Ohm to DIN 53482, Polycarbonate >1015 Ohm to DIN 53482
Polycarbonate, 28KV/mm to DIN 53481
ABS, UL 94 HB/1.6. Polycarbonate, UL 94 V2/1.14
up to 167°F
Model
Number
Part
Number
CC 500
CC 500 TK
CC 500 NG
CC 500 NGTK
19050000 00
19050101 00
19050200 00
19050301 00
Desktop / wall / rail enclosure
Desktop / wall / rail enclosure with door / ingress protection IP 65
Control panel mounting enclosure
Control panel mounting enclosure with door
CombiSet
CC 500 WR
CC 500 MS
CC 500 TS
SHLO - 302
KF 1230
KS 1230
39001000 00
39004000 00
39005000 00
21009310 00
39302000 00
39301000 00
Wall frame
Mounting kit for DIN EN 60603-2 plug-in connector (previously DIN 41612)
Rail snap foot for top hat rail DIN EN 60715 TH 35
Cylinder lock catch
Card guides (10 pieces)
Card securing devices (10 pieces)
Model Number
Part Number
Version
Version
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com