Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1221 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ADP1221
Description  PRECISION SEMICONDUCTOR PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADP1221 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ADP1221 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADP1221 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADP1221 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADP1221 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
29
PF (ADP1)
DIMENTIONS
1. Terminal direction: Direction opposite the pressure inlet
derection ADP11
( )
2. Terminal direction: Pressure inlet direction
ADP12
( )
General tolerance: ±0.3 ±.012 mm inch
10.0
.394
Atmospheric
pressure
inlet hole
0.5 dia.
.020 dia.
Pressure
inlet hole
0.8 dia.
.031 dia.
0.6
.024
8.6
.339
6.0
.236
4.9
.193
3.3 .130
2.54±
0.25
.100±
.010
2.54±
0.25
.100±
.010
0.5±
0.1 .020±.004
1.2±
0.1 .047±.004
1.1
.043
10.16
.400
±0.25
±.010
0.25
.010
+0.1
−0.05
+.004
−.002
0 to 15˚
C0.5
.020
R0.5
.020
10.16
.400
2.54 .100
5.08 .200
2.54
.100
6-0.9 dia.
6-.035 dia.
3.0
dia.
.118
dia.
+0
−0.1
+0
−.004
10.0
.394
Atmospheric
pressure
inlet hole
0.5 dia.
.020 dia.
Pressure
inlet hole
0.8 dia.
.031 dia.
0.6
.024
0.25
.010
8.6
.339
4.0
.157
3.3 .130
0.5±
0.1 .020±.004
1.2±
0.1 .047±.004
C0.5
.020
R0.5
.020
10.16
.400
2.54 .100
5.08 .200
2.54
.100
6-0.9 dia.
6-.035 dia.
6.0
.236
2.54±
0.25
.100±
.010
2.54±
0.25
.100±
.010
0 to 15˚
10.16
.400
±0.25
±.010
3.0
dia.
.118
dia.
+0
−0.1
+0
−.004
0.25
.010
+0.1
−0.05
+.004
−.002
6 dia.
.236 dia.
3. Terminal connection diagram
+Output
−Output
−Input
+Input
R2
R1
R4
R3
Terminal No.
Name
1
Output (
−)
2
Power supply (
+)
3
Output (
+)
4
No connection
5
Power supply (
−)
6
Output (
−)
Note: Leave terminal 4 unconnected.
Tolerance: ±0.1 .004
Tolerance: ±0.1 .004
Recommended PC board pattern
(BOTTOM VIEW)
Recommended PC board pattern
(BOTTOM VIEW)
Tested item
Tested condition
Result
Environmental
characteristics
Endurance
characteristics
Storage at high
temperature
Left in a 120
°C 248°F constant temperature bath
1,000 hrs.
Passed
Temperature:
Time:
High temperature/high
humidity operation
40
°C 104°F, 90% RH
10
6, rated voltage applied
Passed
Temperature/humidity:
Operation times:
Dropping resistance
75 cm 29.528 inch
2 times
Passed
Dropping height:
Times:
Terminal strength
9.8 N {1 kgf}, 10 sec.
4.9 N {0.5 kgf}, left and right 90
° 1 time
Passed
Pulling strength:
Bending strength:
Mechanical
characteristics
Vibration resistance
1.5 mm .059 inch
10 to 55 Hz
X, Y, Z 3 directions
2 hrs each
Passed
Double amplitude:
Vibration:
Applied vibration direction:
Times:
Storage at low
temperature
Left in a –40
°C –40°F constant temperature bath
1,000 hrs.
Passed
Temperature:
Time:
Humidity
Left at 40
°C 104°F, 90% RH
1,000 hrs.
Passed
Temperature/humidity:
Time:
Temperature cycle
–40
°C to 120°C –40°F to 248°F
30 min.
100
Passed
Temperature:
1 cycle:
Times of cycle:
Soldering
Resistance
Soldered in
DIP soldering bath
230
°C 446°F
5 sec.
Passed
Temperature:
Time:
Temperature
260
°C 500°F
10 sec.
Passed
Temperature:
Time:
3. Evaluation test
Note: For details other than listed above, please consult us.
PF PRESSURE SENSOR
2002.10.23 7:58 PM
Page 29



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com