Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 3103
Description  2-Axis Analog Thumb Joystick
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  3103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The joystick is a 'self-centering' analog-type. That means it basically acts like two 10K
potentiometers, one for up/down and another for left/right. It has a built-in flex cable that can
plug right into a fine pitch (0.5mm) connector. The four pins connect to power, ground and then
two analog outputs. As the joystick is moved around, the voltage will follow the motion. When
you release the joystick it will center itself.
The connector is very fine pitch, and not easy to solder to - so we suggest using our 4-pin breakout board
to make it easier to connect to a breadboard (it is not included!)
Technical Details
Product Dimensions: 44.1mm x 18.6mm x 11.7mm / 1.7" x 0.7" x 0.5"
Product Weight: 1.8g / 0.1oz
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com