Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55PC1221 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 55PC1221
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55PC1221 Datasheet(HTML) 2 Page - Tyco Electronics

  55PC1221 Datasheet HTML 1Page - Tyco Electronics 55PC1221 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
Revision
SPECIFICATION CONTROL DRAWING
Page 2 of 2
D
55PC1221
SCD
TEMPERATURE RATING: 150°C
Maximum continuous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
CROSSLINK VERIFICATION: 300 ± 3°C for 1 hour
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensile Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND TEST (Post Environmental):
1000 volts (rms), 60 Hz, 1 minute
PART NUMBER:
The "*" in the part numbers on page 1 shall be replaced by color code designators with
a slash separating the component wire colors and a dash separating the component
wire colors from the jacket color.
1
/ Example: AWG 22, red and blue component wires; white jacket:
55PC1221-22-2/6-9
1
/ See footer section on page 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com