Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8365 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8365
Description  Micropower Undervoltage Sensing Circuits with Programmable Output Delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8365 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM8365 Datasheet HTML 1Page - National Semiconductor (TI) LM8365 Datasheet HTML 2Page - National Semiconductor (TI) LM8365 Datasheet HTML 3Page - National Semiconductor (TI) LM8365 Datasheet HTML 4Page - National Semiconductor (TI) LM8365 Datasheet HTML 5Page - National Semiconductor (TI) LM8365 Datasheet HTML 6Page - National Semiconductor (TI) LM8365 Datasheet HTML 7Page - National Semiconductor (TI) LM8365 Datasheet HTML 8Page - National Semiconductor (TI) LM8365 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Description
20066015
Ordering Information
Package
Part Number
Package
Marking
Threshold
Output Type
Transport Media
NSC Drawing
5-Pin
SOT23
LM8365BALMF22
F08A
2.2V
Open Drain,
Active Low
1k Units Tape and Reel
MF05A
LM8365BALMFX22
3k Units Tape and Reel
LM8365BALMF27
F07A
2.7V
Open Drain,
Active Low
1k Units Tape and Reel
LM8365BALMFX27
3k Units Tape and Reel
LM8365BCLMF30
F02A
3.0V
CMOS, Active
Low
1k Units Tape and Reel
LM8365BCLMFX30
3k Units Tape and Reel
LM8365BALMF45
F06A
4.5V
Open Drain,
Active Low
1k Units Tape and Reel
LM8365BALMFX45
3k Units Tape and Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com