Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55PC2221 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 55PC2221
Description  This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

55PC2221 Datasheet(HTML) 1 Page - Tyco Electronics

  55PC2221 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date
Revision
TITLE
55PC2221
JACKET - RADIATION-CROSSLINKED,
MODIFIED ETFE
CONDUCTOR
SIZE
(AWG)
UPPER SPEC
LIMIT
TARGET
VALUE
DIAMETER
( in.)
WEIGHT
( lbs/1000 ft.)
TARGET
WALL
TARGET
VALUE
LOWER SPEC
LIMIT
UPPER SPEC
LIMIT
.0075
.0075
.0080
.0080
.0080
.0085
.0090
.0095
.096
.108
.126
.144
.159
.190
.228
.276
.0015
.0015
.0015
.0015
.0015
.0015
.0015
.0015
55PC2221-24-*
55PC2221-22-*
55PC2221-20-*
55PC2221-18-*
55PC2221-16-*
55PC2221-14-*
55PC2221-12-*
55PC2221-10-*
24
22
20
18
16
14
12
10
.0060
.0060
.0060
.0060
.0060
.0065
.0070
.0075
.105
.118
.136
.155
.170
.201
.241
.291
.101
.113
.131
.150
.165
.196
.235
.284
SPECIFICATION CONTROL DRAWING
TWO CONDUCTOR CABLE, FLAT BRAID SHIELDED, JACKETED,
GENERAL PURPOSE, 600 VOLT
PART NUMBER
1/
SHIELD COVERAGE: 85% (minimum)
VOLTAGE WITHSTAND TEST (POST ENVIRONMENTAL):
1000 volts (rms), 60 Hz, 1 minute
PART NUMBER:
The "*" in the part numbers above shall be replaced
by a color code designator with a slash separating
the component wire colors and a dash separating
the component wire colors from the jacket color.
1/ Example: AWG 22, red and blue component wires;
white jacket: 55PC2221-22-2/6-9
TEMPERATURE RATING: 150°C
Maximum continous conductor temperature
VOLTAGE RATING: 600 volts (rms) at sea level
DIELECTRIC WITHSTAND: 1500 volts (rms), 60 Hz
CROSSLINK VERIFICATION: 300 ± 3°C for 1 hour
JACKET COLOR: White preferred
JACKET ELONGATION AND TENSILE STRENGTH:
Elongation, 50% (minimum)
Tensil Strength, 5000 lbf/in² (minimum)
JACKET FLAWS:
Spark Test, 1000 volts (rms)
Impulse Dielectric Test, 6.0 kV (peak)
CABLE RATINGS AND ADDITIONAL REQUIREMENTS
SHIELD
STRAND
THICKNESS
(± .0004)
LOWER SPEC
LIMIT
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
SHIELD - TIN-COATED COPPER
COMPONENT WIRES - 55PC0211
C
JACKET THICKNESS
(in.)
CONSTRUCTION DETAILS
7.49
9.84
13.63
18.85
23.08
33.59
49.25
74.61
8.01
10.48
14.30
19.72
24.07
34.76
50.80
76.79
4-19-06
Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer.
R Wire & Cable
501 Oakside Avenue
Redwood City, CA 94063-3800
Phone: 1-800-227-8816
Fax: 1-650-361-6297
Page 1 of 1
THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN.
REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
DIMENSIONS ARE IN INCHES AND, UNLESS OTHERWISE DESIGNATED, ARE NOMINAL
1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. HOWEVER, DUE TO LENGTH LIMITATIONS OF THE RAYCHEM PART NUMBER,
AN ALTERNATIVE COLOR CODE MAY REPLACE MIL-STD-681 COLOR CODE DESIGNATORS. (EXAMPLE: “901/902...” MAY BE REPLACED BY “Axxx”.) OTHER CODES AND
SUFFIXES MAY BE ADDED TO THE PART NUMBER, AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER.
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice.
© 2006 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - 55PC2221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC2224 MACOM-55PC2224 Datasheet
34Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results

Similar Description - 55PC2221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55PC0223 MACOM-55PC0223 Datasheet
154Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1133 MACOM-55PC1133 Datasheet
142Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1221 MACOM-55PC1221 Datasheet
130Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1246 MACOM-55PC1246 Datasheet
33Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC2224 MACOM-55PC2224 Datasheet
34Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC7000 MACOM-55PC7000 Datasheet
86Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
logo
TE Connectivity Ltd
55PC0226 TEC-55PC0226 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1122 TEC-55PC1122 Datasheet
27Kb / 1P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC1811 TEC-55PC1811 Datasheet
38Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
55PC6021 TEC-55PC6021 Datasheet
161Kb / 2P
This specification sheet forms a part of the latest issue of Raychem Specification 55PC.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com