Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC7005 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC7005
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005 Datasheet(HTML) 1 Page - Texas Instruments

  CDC7005 Datasheet HTML 1Page - Texas Instruments CDC7005 Datasheet HTML 2Page - Texas Instruments CDC7005 Datasheet HTML 3Page - Texas Instruments CDC7005 Datasheet HTML 4Page - Texas Instruments CDC7005 Datasheet HTML 5Page - Texas Instruments CDC7005 Datasheet HTML 6Page - Texas Instruments CDC7005 Datasheet HTML 7Page - Texas Instruments CDC7005 Datasheet HTML 8Page - Texas Instruments CDC7005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685E − DECEMBER 2002 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Performance 1:5 PLL Clock
Synchronizer
D Two Clock Inputs: VCXO_IN Clock Is
Synchronized to REF_IN Clock
D Synchronizes Frequencies up to 800 MHz
(VCXO_IN)
D Supports Five Differential LVPECL Outputs
D Each Output Frequency Is Selectable by x1,
/2, /4, /8, /16
D All Outputs Are Synchronized
D Integrated Low-Noise OPA for External
Low-Pass Filter
D Efficient Jitter Screening From Low PLL
Loop Bandwidth
D Low-Phase Noise Characteristic
D Programmable Delay for Phase
Adjustments
D Predivider Loop BW Adjustment
D SPI Controllable Division Setting
D Power-Up Control Forces LVPECL Outputs
to 3-State at VCC
<1.5 V
D 3.3-V Power Supply
D Available in a 64-Pin BGA Package
0,8-mm Pitch in Both Lead-Free ZVA and
Leaded GVA Packages
D Industrial Temperature Range –40°C to
85
°C
description
The CDC7005 is a high-performance, low-phase noise, and low-skew clock synthesizer and jitter cleaner that
synchronizes the voltage controlled crystal oscillator (VCXO) frequency to the reference clock. The
programmable predividers M and N give a high flexibility to the frequency ratio of the reference clock to VCXO:
VCXO_IN/REF_IN = (NxP)/M. The VCXO_IN clock operates up to 800 MHz. Through the selection of external
VCXO and loop filter components, the PLL loop bandwidth and damping factor can be adjusted to meet different
system requirements. Each of the five differential LVPECL outputs are programmable by the serial peripheral
interface (SPI). The SPI allows individual control of frequency and enable/disable state of each output. The
device operates in 3.3-V environment. The built-in latches ensure that all outputs are synchronized.
The CDC7005 is characterized for operation from –40
°C to 85°C.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TERMINAL ASSIGNMENTS
(TOP VIEW)
CTRL_LE
CTRL_
CLK
CTRL_
DATA
CP_OUT
OPA_IN
OPA_IP
OPA_OUT
STATUS_
LOCK
REF_IN
GND
GND
GND
GND
GND
GND
GND
I_REF
GND
STATUS_
REF
VCXO_IN
GND
GND
GND
GND
GND
STATUS_
VCXO
VCXO_IN
B
GND
Y0
GND
GND
GND
GND
GND
Y4B
Y0B
Y4
NPD
Y1
Y1B
Y2
Y2B
Y3
Y3B
NRESET
1
2
3
4
5
6
7
8
A
B
C
D
E
F
G
H
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
AVCC
AVCC
AVCC
AVCC
AVCC


Similar Part No. - CDC7005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZ TI-CDC7005RGZ Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZR TI-CDC7005RGZR Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZRG4 TI-CDC7005RGZRG4 Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
More results

Similar Description - CDC7005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM7005 TI-CDCM7005 Datasheet
1Mb / 40P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM7005-SP TI1-CDCM7005-SP Datasheet
570Kb / 41P
3.3-V HIGH PERFORMANCE RAD-TOLERANT CLASS V, CLOCK SYNCHRONIZER AND JITTER CLEANER
CDCM7005 TI-CDCM7005_13 Datasheet
1Mb / 45P
3.3-V HIGH PERFORMANCE CLOCK SYNCHRONIZER AND JITTER CLEANER
CDC7005RGZT TI-CDC7005RGZT Datasheet
1Mb / 34P
3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
CDCM7005 TI1-CDCM7005_15 Datasheet
3Mb / 52P
3.3-V High Performance Clock Synchronizer and Jitter Cleaner
CDCM7005-SP TI1-CDCM7005-SP_16 Datasheet
1Mb / 49P
CDCM7005-SP 3.3-V High Performance Rad-Tolerant Class V, Clock Synchronizer and Jitter Cleaner
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com