Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0809081600 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 0809081600
Description  We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0809081600 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 0809081600 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 28Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 29Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 30Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 31Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 32Page - List of Unclassifed Manufacturers 0809081600 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 164 page
background image
For Secondary Services, Product Support, or To Order, Call 1-301-696-9800
27
Part Number
10011203 00
10011204 00
10031009 00
10039001 00
10047003 00
10047004 00
10047014 00
10047007 00
Optional lock types (loose)
Part Number
21610004 00
21610014 00
21610007 00
21610001 00
21610002 00
Square lock 8 mm (2 pieces)
Square lock 7 mm (2 pieces)
Double ward lock 3 mm (2 pieces)
Knob (2 pieces)
Knob, to lock with keys (2 pieces)
Mounting plate for size 1 (galvanized sheet steel)
Mounting plate for size 2 (glavanized sheet steel)
External brackets (4 pieces)
Hole covers for mounting through the cabinet base (4 pieces)
Key, triangular 8 mm
Key, square 8mm
Key, square 7mm
Key double ward 3 mm
11.81 x 15.75 x 7.87
15.75 x 23.62 x 9.84
• Enclosure system with hidden external hinge
• Standard version or with window
• Version with handle
Fiberglass 3040/4060 Cabinets
Included in delivery
Enclosure consisting of lower section and door; please
order door lock separately, press-in inserts in base for
internal and external fitting.
Technical Data
Material
Ingress Protection
Door Opening Angle
Temperature Range
Impact Resistance
Surface Resistance
Disruptive Strength
Insulation
Flammability
Water Absorption
Toxicity
Color
Glassfiber-reinforced, duroplastic Polyester
IP 66 to EN 60529
135°
-40°F to +212°F
window version -40°F to +176°F
>7 Nm, EN 50014
>1012 Ohm, DIN 53482
18 kV/mm, VDE 0303 / DIN 53481
fully insulated, VDE 0100
UL 94 V0, self-extinguishing
max. 0.6%
halogen free
Agate gray, similar to RAL 7038. Special colors on request.
Size 1
Size 2
Polyglass/Polycase
Part Number
Polyglas
Part Number
Polyglas with
Window
Part Number
with Carrying
Handle
Part Number
with Window and
Carring Handle
Dimensions
mm
Dimensions
Inches
W x L x H
W x L x H
21304000 00
21406000 00
22304000 00
22406000 00
23304000 00
23406000 00
24304000 00
24406000 00
300 x 400 x 200
400 x 600 x 250
Note: Standard delivery enclosure without lock, please order separately.
Note: Dimensions are external. Metric is the primary dimension. Inch conversions are for the user’s convenience and are for reference only.
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com