Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17P Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 17P
Description  Spindle Operated Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

17P Datasheet(HTML) 2 Page - TE Connectivity Ltd

  17P Datasheet HTML 1Page - TE Connectivity Ltd 17P Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Single Potentiometer
PCB Layout
Bush Mounting Panel Cutout
Rotary Switch PCB Layout
Dual Potentiometer PCB Layout
Push-Push Switch PCB Layout
How to Order
17PE
S
A
102
M
B
25
N
C
17PC - P.C.
17PE - Eyelet
Common Part
A - Linear
B - Log
C - Inv. Log
Resistor Law
M - 20%
K - 10%
Tolerance
FMF in mm
25mm standard
minimum shaft length
with P style switch is
19mm
Shaft Length
C - Centre detent
Detent
S - Standard single
X - Customer special
D - Standard dual
Product Identification
The first two digits are
significant figures of the
resistance value and the
third one denotes the
number of zeros following.
e.g. 4K7: 472
47K: 473
470K: 474
Resistance Value
A - Plain 6mm
B - Slotted 6mm
C - Flatted (5mm A/F)
D - Flatted (4mm A/F)
E - Plain 4mm
F - Flatted 6mm
(4.6mm A/F)
Shaft Style
A - DPST 4A/250V AC
B - SPST 1A
D - DPST 1A
E - SPST 4A
N - No Switch
P - Push push SPDT 10A
P switch only available
on single gang styles
Switch Details
Dual Potentiometer
Single Switched Potentiometer
L* - Standard shaft length 35mm
All dimensions given from
component side
Spindle Operated Potentiometers
Type 17P Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com