Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM339CS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CM339CS
Description  LOW POWER QUAD VOLTAGE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM339CS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CM339CS Datasheet HTML 1Page - List of Unclassifed Manufacturers CM339CS Datasheet HTML 2Page - List of Unclassifed Manufacturers CM339CS Datasheet HTML 3Page - List of Unclassifed Manufacturers CM339CS Datasheet HTML 4Page - List of Unclassifed Manufacturers CM339CS Datasheet HTML 5Page - List of Unclassifed Manufacturers CM339CS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CM339
LOW POWER QUAD VOLTAGE COMPARATORS
2001/07/02
Preliminary
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
This device consists of four independent precision voltage
comparators with an offset voltage specification as low as 2mV
max for CM339.
All these comparators were designed
specifically to operate from a single power supply over a wide
range of voltages. Operation from split power supplies is also
possible. These Comparators also have a unique
characteristic in that the input common mode voltage range
includes ground even though operated from a single power
supply voltage.
!
Wide single supply voltage range or dual supplies for all
devices: +2V to +36V or
± 1V to ± 18V
!
Very low supply current(1.1mA)independent of supply
voltage(1.4mW/comparator +5V)
!
Low input bias current: 25nA typ
!
Low input offset current:
±5nA typ
!
Low input offset voltage:
±1mV typ
!
Input common-mode voltage range includes ground
!
Low output saturation voltage : 250mV typ,(Io = 4mA)
!
Differential input voltage range equal to the supply
voltage
!
TTL, DTL, ECL, MOS, CMOS compatible output
SYMBOL
PIN CONFIGURATION
14 Pin PDIP/SOP
(Top View)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN-
2IN+
1IN-
1IN+
3OUT
4OUT
GND
4IN+
4IN-
3IN+
3IN-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com