Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSBLA1M Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CSBLA1M
Description  Technical Data of Ceramic Resonator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSBLA1M Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CSBLA1M Datasheet HTML 4Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 5Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 6Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 7Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 8Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 9Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 10Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 11Page - List of Unclassifed Manufacturers CSBLA1M Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
8
Frequency Correlation Data
Sample
M34552M8-XXXFP
CD4069UBE
No.
Fosc [kHz]
Fosc [kHz]
Shift [%]
1
1000.145
999.907
0.0238
2
998.836
998.891
-0.0055
3
1000.369
1000.399
-0.0030
4
999.994
999.724
0.0270
5
1000.163
999.895
0.0268
_
X
999.901
999.763
0.0138
muRata Standard Circuit
Vdd = 5.0 [V]
CERALOCK
® : CSBLA1M00J58-B0
C1 = 100 [pF]
C2 = 100 [pF]
Rf = 1 [Mohm]
Rd = 5.6 [kohm]
12
3
4
7
Rf
Rd
C2
C1
Fout
14
CERALOCK®
Murata Manufacturing Co., Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com