Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS620 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS620
Description  Low-Voltage, -0.5째C Accuracy Digital Thermometer and Thermostat
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS620 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS620 Datasheet HTML 3Page - Dallas Semiconductor DS620 Datasheet HTML 4Page - Dallas Semiconductor DS620 Datasheet HTML 5Page - Dallas Semiconductor DS620 Datasheet HTML 6Page - Dallas Semiconductor DS620 Datasheet HTML 7Page - Dallas Semiconductor DS620 Datasheet HTML 8Page - Dallas Semiconductor DS620 Datasheet HTML 9Page - Dallas Semiconductor DS620 Datasheet HTML 10Page - Dallas Semiconductor DS620 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS620 Digital Thermometer and Thermostat
7 of 15
THERMOSTAT OPERATION
The PO pin on the DS620 operates as the thermostat output when it is configured as PO-HIGH or PO-LOW through the
P01 and P02 bits of the configuration register. In both of these configurations, PO is updated after every
temperature conversion or write to the temperature register, and remains at the updated value until the next
conversion or write completes. PO-HIGH and PO-LOW are active-low and are activated and deactivated based on
user-defined upper and lower trip-points. PO-HIGH is activated when the measured temperature meets or exceeds
the value stored in the upper trip-point register (TH), and stays active until the temperature meets or falls below the
value stored in the lower trip-point register (TL) (see Figure 4a). This allows the user to program any amount of
hysteresis into the output response. Similarly, PO-LOW is activated when the measured temperature meets or goes
below the value stored in the low trip-point register (TL), and stays active until the temperature meets or exceeds
the value stored in the upper trip-point register (TH) (see Figure 4b). The TH register is located in address spaces
A0h (MSB) and A1h (LSB) and the TL register is located in address spaces A2h (MSB) and A3h (LSB) of the
DS620 memory.
The TH and TL registers (see Table 1) contain centigrade temperature values in two’s complement format and are
stored in EEPROM; therefore, they are nonvolatile (NV) and can be programmed prior to installation of the DS620
for use in standalone applications. All bits in the TH and TL registers are used in the comparison to the temperature
value in the temperature register for the thermostat operation, regardless of the number of bits used for the
temperature conversions as decided by the R0 and R1 bits in the configuration register. Therefore, to ensure
proper thermostat operation, any bits not used for the temperature measurement should be set to 0 in the TH and
TL registers. For example, for 11-bit temperature conversions, bits 3 and 4 in the TH and TL register should be set to
0 prior to comparison to the measured temperature. (Bits 0 to 2 are automatically set to 0).
Another thermostat feature is the temperature high and low flags (THF and TLF) in the configuration register.
These bits provide a record of whether the temperature has ever been equal to or greater than TH or equal to or
less than TL at anytime since power up or since the bits were last cleared. If the temperature ever meets or
exceeds the TH register value, the THF bit in the configuration register is set to 1, and if the temperature ever
meets or falls below the TL value, the TLF bit in the configuration register is set to 1. Once THF or TLF has been
set, it remains set until the power is cycled or it is overwritten with a 0 by the user.
Figure 4. Thermostat Operation
STANDALONE THERMOSTAT OPERATION
The DS620 can function as a standalone thermostat, i.e., it can provide thermostat functionality without requiring
communication with a microcontroller. For standalone thermostat operation, the TH, TL, and configuration registers
must be programmed to the desired values prior to installation. For standalone operation, the AUTOC bit in the
configuration register must be set to 1 so that measurements begins automatically at power up. This also
configures the A1 pin as an input pin that can trigger a conversion. In addition, PO must be configured as PO-HIGH
or PO-LOW. The 1SHOT bit in the configuration register is used to enable the DS620 to perform continuous
conversions at power up (1SHOT = 0) or a single conversion (one-shot) at power up or upon request (1SHOT = 1).
In one-shot mode, one conversion is performed at power-up and then the device enters a low-power standby state
until A1 is toggled high. The A1 pin must be toggled low and back high again to start another conversion.
a) PO-high
TL
TH
Tem
p
Logic 0
Logic 1
TL
TH
Logic 0
Logic 1
Tem
p
b) PO-low
Temp
Temp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com