Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2196LN Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2196LN
Description  T1 Dual Framer LIU
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2196LN Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2196LN Datasheet HTML 17Page - Dallas Semiconductor DS2196LN Datasheet HTML 18Page - Dallas Semiconductor DS2196LN Datasheet HTML 19Page - Dallas Semiconductor DS2196LN Datasheet HTML 20Page - Dallas Semiconductor DS2196LN Datasheet HTML 21Page - Dallas Semiconductor DS2196LN Datasheet HTML 22Page - Dallas Semiconductor DS2196LN Datasheet HTML 23Page - Dallas Semiconductor DS2196LN Datasheet HTML 24Page - Dallas Semiconductor DS2196LN Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
DS2196
21 of 157
4. REGISTER MAP
Table 4-1. Register Map Sorted By Address
ADDRESS
R/W
REGISTER NAME
REGISTER
ABBREVIATION
00
R/W
HDLC Control for Framer A
HCRA
01
R/W
HDLC Status from Framer A
HSRA
02
R/W
HDLC Interrupt Mask for Framer A
HIMRA
03
R/W
Receive HDLC Information for Framer A
RHIRA
04
R/W
Receive Bit Oriented Code for Framer A
RBOCA
05
R
Receive HDLC FIFO from Framer A
RHFA
06
R/W
Transmit HDLC Information for Formatter A
THIRA
07
R/W
Transmit Bit Oriented Code for Formatter A
TBOCA
08
W
Transmit HDLC FIFO for Formatter A
THFA
09
R/W
Test 2 for Framer A (Set to 00h on power-up)
—
0A
R/W
Common Control 7 for Framer A
CCR7A
0B
—
Reserved (Set to 00h on power-up)
—
0C
—
Reserved (Set to 00h on power-up)
—
0D
—
Reserved (Set to 00h on power-up)
—
0E
R
Interrupt Status Register
ISR
0F
R
Device ID
IDR
10
R/W
Receive Information 3 from Framer A
RIR3A
11
R/W
Common Control 4 for Framer A
CCR4A
12
R/W
In–Band Code Control for Framer A
IBCCA
13
R/W
Transmit Code Definition 1 for Framer A
TCD1A
14
R/W
Receive Up Code Definition 1 for Framer A
RUPCD1A
15
R/W
Receive Down Code Definition 1 for Framer A
RDNCD1A
16
R/W
Transmit Code Definition 2 for Framer A
TCD2A
17
R/W
Receive Up Code Definition 2 for Framer A
RUPCD2A
18
R/W
Receive Down Code Definition 2 for Framer A
RDNCD2A
19
R/W
Common Control 5 for Framer A
CCR5A
1A
R
Transmit DS0 Monitor for Framer A
TDS0MA
1B
R/W
Receive Spare Code Definition 1 for Framer A
RSCD1A
1C
R/W
Receive Spare Code Definition 2 for Framer A
RSCD2A
1D
R/w
Receive Spare Code Control for Framer A
RSCCA
1E
R/W
Common Control 6 for Framer A
CCR6A
1F
R
Receive DS0 Monitor from Framer A
RDS0MA
20
R/W
Status 1 from Framer A
SR1A
21
R/W
Status 2 from Framer A
SR2A
22
R/W
Receive Information 1 from Framer A
RIR1A
23
R
Line Code Violation Count 1 from Framer A
LCVCR1A
24
R
Line Code Violation Count 2 from Framer A
LCVCR2A
25
R
Path Code Violation Count 1 from Framer A
Multiframe Out of Sync Count 1 from Framer A
PCVCR1A
MOSCR1A
26
R
Path Code violation Count 2 from Framer A
PCVCR2A
27
R
Multiframe Out of Sync Count 2 from Framer A
MOSCR2A
28
R
Receive FDL Register from Framer A
RFDLA
29
R/W
Receive FDL Match 1 for Framer A
RMTCH1A
2A
R/W
Receive FDL Match 2 for Framer A
RMTCH2A
2B
R/W
Receive Control 1 for Framer A
RCR1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com