Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALLPMTP Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # ALLPMTP
Description  ALL-PURPOSE MOUNT KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

ALLPMTP Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  ALLPMTP Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ALL-PURPOSE MOUNT KIT
ALLPMT
FEATURES
• Allows the antenna to articulate,
resulting in better coverage pattern
• Can be mounted on any vertical wall
or mast up to 2 inches in diameter,
depending on the model
ALL-PURPOSE MOUNT KIT
The All-Purpose Mount is an articulation mount that may be used with various models. This
mount kit is specifically designed to provide a wide range of articulation and flexibility in both the
azimuth and elevation planes. The mount may be used on any vertical wall or mast up to 2 inches
in diameter, depending on the model. For best results, mount the antenna near the center of the
coverage area. A line-of-sight path between the antenna and active floor locations generally works
best. Although 2.4GHz signals penetrate cubical dividers and interior walls with little attenuation,
reinforced block walls, banks of metal cabinets or steel shelving may attenuate signals or cause
multipath conditions where reflected signals interfere with the primary signal path.
PART NUMBER
DESCRIPTION
ALLPMTP
All-purpose mount
ALLPMTA
All-purpose wall mount
ALLPMTB
All-purpose mount for 8 x 13-inch antenna
ALLPMTC
All-purpose mount for 45 x 6.5-inch antenna
ALLPMTD
All-purpose mount for SR240790P antenna
ALLPMTE-001
Universal mast mount bracket for DirectLink series antennas
ALLPMTE-002
Universal mast mount bracket for DirectLink series antennas
TM905BRK
Tilt mount for SR2411120D and S2401290P
BPXCHK
Ceiling mount hardware kit for the BPX-series antenna
BPXPHK
Pole mount hardware kit for the BPX-series antennas
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: ++86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
MARKETS
• Available for all the DirectLink series antennas
• Pole, wall and ceiling mounts are also available
ANT-DS-ALLPMT_0614
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be liable for incidental or
consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will
be furnished upon request. © Copyright 2014 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Technologies Logo, and other marks are trademarks
or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein
provides a license under any Laird or any third party intellectual property rights.


Similar Part No. - ALLPMTP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
All FAIRCHILD-All Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
logo
Altech corporation
ALL1 ALTECH-ALL1 Datasheet
228Kb / 1P
30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
ALL3 ALTECH-ALL3 Datasheet
228Kb / 1P
30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
ALL4 ALTECH-ALL4 Datasheet
228Kb / 1P
30 mm Replacment Lense for illuminated actuators ALLx (x=colors)
logo
ATGBICS by Approved Tec...
ALL4750-C ATGBICS-ALL4750-C Datasheet
293Kb / 8P
ALL4750 Allnet Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - ALLPMTP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZC-3000 DIALIGHT-HZC-3000 Datasheet
183Kb / 1P
SWING BRACKET MOUNT KIT
logo
Tyco Electronics
C-2102351 MACOM-C-2102351 Datasheet
323Kb / 2P
PCB MOUNT KIT
logo
YAGEO Corporation
RC0402FR-07392RL YAGEO-RC0402FR-07392RL Datasheet
402Kb / 9P
All general purpose application
logo
List of Unclassifed Man...
LC210A ETC2-LC210A Datasheet
630Kb / 7P
General Purpose DMM Kit
logo
Pasternack Enterprises,...
PE5SC3003 PASTERNACK-PE5SC3003 Datasheet
580Kb / 6P
3.5mm Female General Purpose Calibration Kit
PE5TR1000 PASTERNACK-PE5TR1000 Datasheet
490Kb / 5P
3.5mm Female General Purpose Calibration Kit
logo
Hotchip Technology Co.,...
HT3582DA HOTCHIP-HT3582DA Datasheet
296Kb / 6P
All-purpose charger
logo
PHOENIX CONTACT
1147655 PHOENIX-1147655 Datasheet
293Kb / 4P
Mounting kit - BL2 BPC 1500 WALL MOUNT KIT
logo
WAGO Kontakttechnik Gmb...
855-9910 WAGO-855-9910 Datasheet
128Kb / 2P
Quick-mount kit
logo
Advantech Co., Ltd.
PPC-STAND ADVANTECH-PPC-STAND Datasheet
395Kb / 1P
Stand Kit For All PPC Models
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com