Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-21 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # CL-21
Description  NTC Inrush Current Limiter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CL-21 Datasheet(HTML) 1 Page - Amphenol Corporation

  CL-21 Datasheet HTML 1Page - Amphenol Corporation CL-21 Datasheet HTML 2Page - Amphenol Corporation CL-21 Datasheet HTML 3Page - Amphenol Corporation CL-21 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Inrush
Current Limiter
Applications
Control of the inrush current in switching power
supplies, fluorescent lamp, inverters, motors, etc.
Thermometrics
Thermistors
Features
• UL Approval (UL 1434 File# E82830)
• Small physical size offers design-in benefits
over larger passive components
• Low cost, solid state device for inrush current
suppression
• Best-in-class capacitance ratings
• Low steady resistance and accompanying
power loss
• Excellent mechanical strength
• Wide operating temperature range: -58°F to
347°F (-50°C to 175°C)
• Suitable for PCB mounting
• Available with kinked or straight leads and tape
and reel to EIS RS-468A for automatic insertion
Amphenol
Advanced Sensors


Similar Part No. - CL-21

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
Amphenol Corporation
CL-21 AMPHENOL-CL-21 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
logo
List of Unclassifed Man...
CL-21 ETC-CL-21 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
logo
Amphenol Corporation
CL-210 AMPHENOL-CL-210 Datasheet
68Kb / 4P
UL Approval (UL 1434 File# E82830)
logo
List of Unclassifed Man...
CL-210 ETC-CL-210 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results

Similar Description - CL-21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
AC inrush current limiter
Oct-2002
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
AC inrush current limiter
Oct-2002
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
NTC Inrush Current Limiter
logo
AMETHERM Circuit Protec...
SG32 AMETHERM-SG32 Datasheet
361Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
SG57 AMETHERM-SG57 Datasheet
360Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
logo
Eaton All Rights Reserv...
NTCICL EATON-NTCICL Datasheet
3Mb / 18P
Inrush current limiter radial lead NTC thermistor
July 2022
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
NTC Inrush Current Limiter
10/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com