Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD5W-21 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD5W-21
Description  Grid Dish Parabolic Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD5W-21 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD5W-21 Datasheet HTML 1Page - Laird Tech Smart Technology GD5W-21 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-GD5W 1115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All
Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird
Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are trademarks or registered trademarks of Laird Inc. or an affiliate company thereof. Other
product or service names may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
GD5W-21
10 lbs
15.6 lbs
48 lbs
GD5W-25
20 lbs
31 lbs
99 lbs
GD5W-28
41 lbs
64 lbs
257 lbs
WIND LOADING (LBS.)
SPECIFICATIONS
PARAMETER
GD5W-21
GD5W-25
GD5W-28
Frequency range
4940-5850 MHz
4940-5850 MHz
4940-5850 MHz
Gain
21 dBi
25 dBi
28 dBi
Horizontal beamwidth
10°
6°
4°
Vertical beamwidth
11°
6°
5°
Front to back
18 dB
20 dB
25 dB
VSWR
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
Input power
100 watts
100 watts
100 watts
Operating temperature
-40° to +70°C
-40° to +70°C
-40° to +70°C
Pole size
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
Weight
3 lbs (1.4 kg)
6 lbs (2.7 kg)
11 lbs (5 kg)
Dimension (W x L)
11.8 x 15.7 in (300 x 400 mm) 16.8 x 24 in (427 x 610 mm) 28.5 x 36 in (724 x 914 mm)
Bracket tilt
+/- 45°
+/- 45°
+/- 45°
SYSTEM ORDERING
4940 to 5850 MHz 21 dBi wide band grid antenna
GD5W-21P-NF
GD5W-25P-NF
GD5W-28P-NF
4940 to 5850 MHz 25 dBi wide band grid
antenna 4940 to 5850 MHz 28 dBi wide band
grid antenna
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
Grid Dish Parabolic Antenna
GD5W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com