Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD24 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD24
Description  Ultra low wind loading and low visual impact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD24 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD24 Datasheet HTML 1Page - Laird Tech Smart Technology GD24 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ANT-DS-GD24 0115
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes
no warranties as to the fitness, merchantability or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for
incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a
copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo, and other marks are
trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names may be the property of third parties.
Nothing herein provides a license under any Laird or any third party intellectual property rights.
MODEL
SQ. IN
100 MPH
125 MPH
100 MPH WITH ½ IN RADIAL ICE
GD24-15
40
10 lbs
15.6 lbs
48 lbs
GD24-19
79
20 lbs
31 lbs
99 lbs
GD24-24
163
41 lbs
64 lbs
257 lbs
WIND LOADING (LBS.)
PARAMETER
GD24-15
GD24-19
GD24-24
Frequency range
2400-2485 MHz
2400-2485 MHz
2400-2485 MHz
Gain
15 dBi
19 dBi
24 dBi
3dB beamwidth
17° vert., 21° hor.
11° vert., 17° hor.
8° vert., 10° hor.
Front to back
17 dB
22 dB
25 dB
VSWR
1.5:1
1.5:1
1.5:1
Impedance
50 ohm
50 ohm
50 ohm
Input power
100 watts
100 watts
100 watts
Operating temperature
-40° to +70°C
-40° to +70°C
-40° to +70°C
Pole size
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
1 to 2 in (25 to 50 mm)
Weight
4 lbs (1.8 kg)
6 lbs (2.7 kg)
11 lbs (5 kg)
Dimension (W x L)
12 x 16 in (305 x 406 mm)
16.5 x 24 in (419 x 610 mm) 28.5 x 36 in (724 x 914 mm)
Bracket tilt
45°
45°
45°
SPECIFICATIONS
Grid Dish Parabolic Antenna
GD24
SYSTEM ORDERING
GD24-
p-
15
NM (N male)
19
NF (N female)
24
RSMA (RPSMA)
NOTES
• All shipments F.O.B. Schaumburg, IL 60173
* Super HD Bracket System Now Available for 24 dBi Grid.
Add “HD” as prefix to part number. Example:
HDGD24-24P-NF
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com