Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPUTTY-508 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # TPUTTY-508
Description  Demonstrated thermal cycling stability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

TPUTTY-508 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  TPUTTY-508 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tputty 508
Dispensable Gap Filler
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.(0).1628.858941
IAS-EUSales@lairdtech.com
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
THR-DS-Tputty 508_101515
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice.
Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird Technologies makes no warranties as to the fitness,
merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable
for incidental or consequential damages of any kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect
from time to time, a copy of which will be furnished upon request. © Copyright 2013 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird
Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service
names may be the property of third parties. Nothing herein provides a license under any Laird Technologies or any third party intellectual property rights.
TPUTTY™ 508 DISPENSABLE GAP FILLER DESCRIPTION
Laird Tputty™ 508 is a single part dispensable material designed with automation and
vertical stability in mind. Laird has leveraged its knowledge of thermally conductive fillers
and resin systems to develop a single part dispensable that demonstrates reliability in a
variety of application orientations.
Tputty™ 508 is ideal for applications that can benefit from automation, and allows
minimization of SKUs in applications with gap variability. In addition to providing application
flexibility and variable gap adaptation, Tputty™ 508 will exert minimum stress on your
component while maintaining interface contact to maximize thermal transfer. Combined
with Laird’s global technical support and global footprint, deploying Tputty™ 508 is easier
than ever.
When it is time to integrate Tputty 508 into your production environment Laird can work
with your existing dispensing partner or provide recommendations for a dispensing
equipment provider.
FEATURES AND BENEFITS
RoHS Compliant
Available in 180cc cartridges, 10kg pails, and 20kg pails
Complete Dispensing Solution Options Available
3.7 W/mK
Demonstrated thermal cycling stability
Low outgassing per ASTM E595
SPECIFICATIONS
PROPERTY
TYPICAL VALUE
METHOD
Construction
Ceramic filled silicone
dispensable
Color
Green
Visual
Thermal Conductivity
(W/mK)
3.7
Hot Disk
Flow Rate (grams/min)
30
Laird Test Method
A16724-00
Specific Gravity (g/cc)
3.2
Helium Pycnometer
Flammability
V-0
UL 94
Temperature Range
-40 to 150°C
Outgassing TML (%)
0.04
ASTM E595
Outgassing CVCM (%)
0.01
ASTM E595
Minimum bondline
thickness mm (in)
0.09 (0.0036)


Similar Part No. - TPUTTY-508

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPUT3N06G-AE3-R TECHPUBLIC-TPUT3N06G-AE3-R Datasheet
2Mb / 6P
60V N-Channel MOSFET
logo
Token Electronics Indus...
TPUTX-2P TOKEN-TPUTX-2P Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
TPUTX-2P-0.47 TOKEN-TPUTX-2P-0.47 Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
TPUTX-2P-0.68 TOKEN-TPUTX-2P-0.68 Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
TPUTX-2P-1 TOKEN-TPUTX-2P-1 Datasheet
360Kb / 4P
TPUTX Chip Toroidal Power Inductors
More results

Similar Description - TPUTTY-508

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR0636E-10026 HIROSE-TR0636E-10026 Datasheet
1Mb / 21P
IT3 Thermal Cycling Test Report
logo
Dynex Semiconductor
DIM1500ASM33-TL001 DYNEX-DIM1500ASM33-TL001 Datasheet
381Kb / 8P
High Thermal Cycling Capability
logo
Infineon Technologies A...
FF600R12ME4A_B11 INFINEON-FF600R12ME4A_B11_15 Datasheet
649Kb / 9P
High Power and Thermal Cycling Capability
2015-09-09 revision:3.0
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
For high thermal cycling performance
logo
Laird Tech Smart Techno...
HT4 LSTD-HT4 Datasheet
578Kb / 2P
Thermal Cycling Durability
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
T1610H STMICROELECTRONICS-T1610H Datasheet
273Kb / 9P
High thermal cycling performance
May 2013 Rev 1
logo
WeEn Semiconductors
BT155W-1400T WEEN-BT155W-1400T Datasheet
538Kb / 13P
SCR High thermal cycling performance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com