Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB-3.305S Datasheet(PDF) 2 Page - Recom International Power

Part # RB-3.305S
Description  High Efficiency up to 84% Full Load
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RB-3.305S Datasheet(HTML) 2 Page - Recom International Power

  RB-3.305S Datasheet HTML 1Page - Recom International Power RB-3.305S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Deviation / Load
-10
40%
0%
100%
60%
80%
20%
-5
Total Output current (%)
0
5
10
15
20
25
3.305
0505
2405
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.305
0505
1205
2405
+10%
+5%
V Nom.
+5%
– 2%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
RB/E Series
ECONOLINE
DC/DC-Converter
RB-xx05S/E
Typical Characteristics
Tolerance Envelope
Package Style and Pinning
Pin Connections
Function
Pin #
5 Pins
1
+Vin
2
-Vin
4NC
5
-Vout
6
+Vout
NC = No Internal Connection
Unit:
mm
Tolerance:
± 0.25 mm
10.20
0.51 typ.
4.10
RECOM
RB-0505S/E
****
2.54
1.00ø+0.15/–0
2.54
19.60
Top View
12.70
RECOM
RB-0505S/E
****
12
4 5 6
2.54
6.00
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com