Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROE-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # ROE-0505S
Description  Low Cost 1W Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROE-0505S Datasheet(HTML) 2 Page - Recom International Power

  ROE-0505S Datasheet HTML 1Page - Recom International Power ROE-0505S Datasheet HTML 2Page - Recom International Power ROE-0505S Datasheet HTML 3Page - Recom International Power ROE-0505S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Values
Output Voltage Accuracy
100% load, Vin nominal
±5% max.
Line Voltage Regulation
low line to high line, full load
±1.2% typ. / 1% Vin
Load Voltage Regulation
20% to 100% load, 5Vout
20% to 100% load, 12Vout and 15Vout
15% max.
10% max.
ECO-2
REV.: 3/2016
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Isolation Voltage
I/P to O/P
1kVDC / 1 second
Isolation Capacitance
75pF max.
Isolation Resistance
1G
Ω min.
ROE
Series
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Vin= 3.3V, 5V
Vin= 12V, 15V, 24V
Tolerance Envelope
10
-5%
-2%
+5%
+15%
Typical Load Line
+4%
Vnom
50
100
Load Current (%)
10
-5%
-1%
+5%
+15%
Typical Load Line
+5%
Vnom
50
100
Load Current (%)
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
free air convection (see graph)
-40°C to +85°C
Operating Humidity
non-condensing
95% RH max.
Vibration
MIL-STD-202G
MTBF (3)
according to MIL-HDBK-217F
+25°C
+85°C
20140 x 103 hours
8674 x 103 hours
100
80
60
40
20
0
-40
0
50
85 100
150
Ambient Temperature [°C]
Safe Operating Area
Derating Graph
Notes:
Note3: MTBF is referring ROE-3.305S.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com