Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROL Datasheet(PDF) 2 Page - Recom International Power

Part # ROL
Description  Industry Standard Pinout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

ROL Datasheet(HTML) 2 Page - Recom International Power

  ROL Datasheet HTML 1Page - Recom International Power ROL Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Style and Pinning (mm)
2.54
2.54
Top View
Bottom View
6.00
1.27
0.25
7.62
1.9
2
13 4
4.10
0.51 typ.
0.51 typ.
10.00
RECOM
ROL-0505S
****
1.00ø+0.15/–0
11.50
RECOM
ROL-0505S
****
Recommended Footprint Details
4 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
ROL Pin Connections
Pin #
Single
1
–Vin
2
+Vin
3
–Vout
4
+Vout
Typical Characteristics
ROL
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0.000
5.000
10.000
15.000
20.000
25.000
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0.000
5.000
10.000
15.000
20.000
25.000
ROL-0505S
ROL-0515S
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-7
www.recom-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com