Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8677AUJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8677AUJZ-R2
Description  130 關V Maximum Offset Voltage Op Amp in TSOT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8677AUJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8677AUJZ-R2 Datasheet HTML 7Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 8Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 9Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 10Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 11Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 12Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 13Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 14Page - Analog Devices AD8677AUJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AD8677
Rev. A | Page 10 of 16
30
0
5
10
15
20
25
024
68
10
–OS
+OS
CLOAD (nF)
12
VS = ±5V
VIN = ±50mV
G = +1
Figure 27. Overshoot vs. Capacitive Load
112
110
108
106
104
102
100
98
96
100
1M
10k
100k
1k
FREQUENCY (Hz)
VS = ±15V
Figure 28. CMRR vs. Frequency
100
80
60
40
20
0
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 29. PSRR vs. Frequency
100
10
1
0.1
0.01
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VS = ±15V
VIN = 28mV
RL =
CL = 20pF
Figure 30. Output Impedance vs. Frequency
100
10
1
0.1
0.01
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VS = ±5V
VIN = 28mV
RL =
CL = 20pF
Figure 31. Output Impedance vs. Frequency
100
10
1
0.1
1k
100
10
1
FREQUENCY (Hz)
VS = ±15V
Figure 32. Voltage Noise Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com