Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8661ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8661ACPZ-R2
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8661ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Noise, Precision 16 V CMOS,
Rail-to-Rail Operational Amplifiers
Data Sheet
AD8661/AD8662/AD8664
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 100 µV maximum at V
S = 5 V
Low input bias current: 1 pA maximum
Single-supply operation: 5 V to 16 V
Low noise: 10 nV/√Hz
Wide bandwidth: 4 MHz
Unity-gain stable
Small package options
3 mm × 3 mm 8-lead LFCSP
8-lead MSOP and narrow SOIC
14-lead TSSOP and narrow SOIC
APPLICATIONS
Sensors
Medical equipment
Consumer audio
Photodiode amplification
ADC drivers
PIN CONFIGURATIONS
NIC 1
–IN
2
+IN
3
V–
4
NIC
8
V+
7
OUT
6
NIC
5
NIC = NO INTERNALCONNECTION
AD8661
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. CONNECT THE EXPOSED PAD TO V–.
3
+IN
4
V–
1
NIC
2
–IN
6 OUT
5 NIC
8 NIC
7 V+
AD8661
TOP VIEW
(Not to Scale)
Figure 1. AD8661, 8-Lead SOIC
(R-8)
Figure 2. AD8661, 8-Lead LFCSP
(CP-8-13)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8662
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8662
TOP VIEW
(Not to Scale)
Figure 3. AD8662, 8-Lead SOIC
(R-8)
Figure 4. AD8662, 8-Lead MSOP
(RM-8)
AD8664
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V+
4
+IN B
5
OUT D
–IN D
+IN D
V–
14
13
12
11
10
–IN B
6
OUT B 7
–IN C
+IN C
OUT C
9
8
OUT A 1
–IN A 2
+IN A 3
V+
4
+IN B
5
OUT D
–IN D
+IN D
V–
14
13
12
11
10
–IN B
6
OUT B 7
–IN C
+IN C
OUT C
9
8
AD8664
TOP VIEW
(Not to Scale)
Figure 5. AD8664, 14-Lead SOIC
(R-14)
Figure 6. AD8664, 14-Lead TSSOP
(RU-14)
GENERAL DESCRIPTION
The AD8661/AD8662/AD86641 are rail-to-rail output, single-
supply amplifiers that use the Analog Devices, Inc., patented
DigiTrim® trimming technique to achieve low offset voltage.
The AD8661/AD8662/AD8664 series features extended
operating ranges, with supply voltages up to 16 V. It also
features low input bias current, wide signal bandwidth,
and low input voltage and current noise.
The combination of low offset, very low input bias current,
and a wide supply range makes these amplifiers useful in a wide
variety of applications usually associated with higher priced JFET
amplifiers. Systems using high impedance sensors, such as
photodiodes, benefit from the combination of low input bias
current, low noise, low offset, and wide bandwidth. The wide
operating voltage range meets the demands of high performance
analog-to-digital converters (ADCs) and digital-to-analog
converters (DACs). Audio applications and medical monitoring
equipment can take advantage of the high input impedance, low
voltage, low current noise, and wide bandwidth.
The single AD8661 is available in a narrow 8-lead SOIC package
and a very thin, dual lead, 8-lead LFCSP. The AD8661 SOIC
package is specified over the extended industrial temperature
range of −40°C to +125°C. The AD8661 LFCSP is specified over
the industrial temperature range of −40°C to +85°C. The AD8662
is available in a narrow 8-lead SOIC package and an 8-lead MSOP,
both specified over the extended industrial temperature range of
−40°C to +125°C. The AD8664 is available in a narrow 14-lead
SOIC package and a 14-lead TSSOP, both with an extended
industrial temperature range of −40°C to +125°C.
1 Protected by U.S. Patents 6,194,962 and 6,696,894.


Similar Part No. - AD8661ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
569Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results

Similar Description - AD8661ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
5/04-Data Sheet Changed from Rev. C to Rev. D
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
10/07-Rev. 0 to Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. D
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com