Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4000-1AUJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4000-1AUJZ-R2
Description  Low Cost, Precision JFET Input Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4000-1AUJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4000-1AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4000-1AUJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4000-1/ADA4000-2/ADA4000-4
Data Sheet
Rev. B | Page 10 of 16
APPLICATIONS INFORMATION
OUTPUT PHASE REVERSAL AND INPUT NOISE
Phase reversal is a change of polarity in the transfer function of
the amplifier. This can occur when the voltage applied at the
input of the amplifier exceeds the maximum common-mode
voltage. Phase reversal happens when the device is configured
in the gain of 1.
Most JFET amplifiers invert the phase of the input signal if the
input exceeds the common-mode input. Phase reversal is a
temporary behavior of the ADA4000-1/ADA4000-2/ADA4000-4
family. Each device returns to normal operation by bringing back
the common-mode voltage. The cause of this effect is saturation
of the input stage, which leads to the forward-biasing of a drain-
gate diode. In noninverting applications, a simple fix for this is
to insert a series resistor between the input signal and the non-
inverting terminal of the amplifier. The value of the resistor
depends on the application, because adding a resistor adds to the
total input noise of the amplifier. The total noise density of the
circuit is

S
S
n
n
nTOTAL
kTR
R
i
e
e
4
2
2
where:
en
is the input voltage noise density of the device.
in
is the input current noise density of the device.
RS
is the source resistance at the noninverting terminal.
k
is Boltzmann’s constant (1.38 × 10−23 J/K).
T
is the ambient temperature in Kelvin (T = 273 + °C).
In general, it is good practice to limit the input current to less
than 5 mA to avoid driving a great deal of current into the
amplifier inputs.
CAPACITIVE LOAD DRIVE
The ADA4000-1/ADA4000-2/ADA4000-4 are stable at all gains
in both inverting and noninverting configurations. The devices
are capable of driving up to 1000 pF of capacitive loads without
oscillations in unity gain configurations.
However, as with most amplifiers, driving larger capacitive loads
in a unity gain configuration can cause excessive overshoot and
ringing. A simple solution to this problem is to use a snubber
network (see Figure 30).
ADA4000-1
V+
V–
+15V
–15V
RS
CS
CL
500pF
RL
10kΩ
0
SNUBBER NETWORK
400mV p-p
0
V1
3
2
1
U1
Figure 30. Snubber Network Configuration
The advantage of this compensation method is that the swing at
the output is not reduced because RS is out of the feedback network,
and the gain accuracy does not change. Depending on the
capacitive loading of the circuit, the values of RS and CS change,
and the optimum value can be determined empirically. In
Figure 31, the oscilloscope image shows the output of the
ADA4000-1/ADA4000-2/ADA4000-4 family in response to
a 400 mV pulse. The circuit is configured in the unity gain
configuration with 500 pF in parallel with 10 kΩ of load
capacitive.
TIME (1µs/DIV)
INPUT SIGNAL
OUTPUT SIGNAL
Figure 31. Capacitive Load Drive Without Snubber Network
When the snubber circuit is used, the overshoot is reduced from
30% to 6% with the same load capacitance. Ringing is virtually
eliminated, as shown in Figure 32. In this circuit, RS is 41 Ω and
CS is 10 nF.
TIME (1µs/DIV)
INPUT SIGNAL
OUTPUT SIGNAL
Figure 32. Capacitive Load with Snubber Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com