Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YRUZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4853-3YRUZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YRUZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4853-3YRUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-3YRUZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADA4853-1/ADA4853-2/ADA4853-3
FREQUENCY (MHz)
1
0
–1
–2
–3
–4
–5
–6
0.1
1
10
100
200
VS = 5V
RL = 150Ω
VOUT = 2V p-p
G = –1
G = +2
G = +10
Figure 13. Large Signal Frequency Response for Various Gains
7
6
5
4
3
2
1
0
FREQUENCY (MHz)
0.1
200
1
10
100
VS = 5V
VOUT = 2V p-p
G = +2
RL= 1kΩ
RL= 75Ω
RL= 150Ω
Figure 14. Large Signal Frequency Response for Various Loads
5
3
4
2
1
0
–1
–2
–3
–4
–5
–6
FREQUENCY (MHz)
0.1
1
10
100 200
VS = 3V
RL = 150Ω
VOUT = 0.1V p-p
G = +1
+25°C
+85°C
–40°C
Figure 15. Small Signal Frequency Response for Various Temperatures
FREQUENCY (MHz)
4
3
2
0
1
–1
–2
–4
–3
–6
–5
0.1
1
10
100 200
VS = 5V
RL = 150Ω
VOUT = 0.1V p-p
G = +1
+25°C
+85°C
–40°C
Figure 16. Small Signal Frequency Response for Various Temperatures
250
200
100
150
50
0
0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
OUTPUT VOLTAGE STEP (V)
NEGATIVE SLEW RATE
POSITIVE SLEW RATE
VS = 5V
RL = 150Ω
G = +2
Figure 17. Slew Rate vs. Output Voltage
140
–20
100
FREQUENCY (Hz)
1k
10k
100k
1M
10M
100M
120
100
80
60
40
20
0
–240
–210
–180
–150
–120
–90
–60
–30
0
GAIN
PHASE
VS = 5V
RL = 150Ω
Figure 18. Open-Loop Gain and Phase vs. Frequency
Rev. G | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com