Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL600-SC Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # BL600-SC
Description  Single Mode Bluetooth Low Energy (BLE) Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BL600-SC Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button BL600-SC Datasheet HTML 17Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 18Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 19Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 20Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 21Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 22Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 23Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 24Page - Laird Tech Smart Technology BL600-SC Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Single Mode BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
21
© Copyright 2017 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Table 13: ADC Power Consumption
Parameter
Min
Typ
Max
Unit
ADC current during conversion
260
uA
The above current consumption is for the particular peripheral only and to operate that peripheral requires
some other internal blocks which consume fixed amount of base current (~740uA). Nordic silicon used in BL600-
Sx0-2, BL600-Sx-03, this fixed base current is bit higher (by ~400uA). This base current of ~1140 uA (=
~740uA+400uA) is consumed when the UART, SPI, I2C, or ADC is opened (operated). Therefore BL600-Sx-02 and
BL600-Sx-03 would consume total for each peripheral of:
UART (115.2 kbps)
1360 uA (= 1140 uA <base current> + 220 uA)
SPI (master, 8 Mbps
1340 uA (=1140 uA <base current> 200uA).
I2C (400 kbps)
1540 uA (=1140 uA <base current> + 400 uA)
ADC
1430 uA (=1140 uA <base current> + 290 uA)
For the BL600-Sx-04 would consume total for each peripheral of:
UART (115.2 kbps)
1030 uA (= 810 uA <base current> + 220 uA)
SPI (master, 4 Mbps
1010 uA (= 810 uA <base current> 200 uA)
I2C (400 kbps)
1210 uA (= 810 uA <base current> 400 uA)
ADC
1070 uA (= 810 uA <base current> + 260 uA)
For asynchronous interface like the UART (asynchronous as the other end can communicate at any time), the
UART (on BL600) must kept open (by a command in smartBASIC application script) resulting in the base current
consumption penalty.
For synchronous interface like the I2C or SPI (since BL600 side is the master), the interface can be closed and
opened only (by a command in smartBASIC application script) when needed, resulting in current saving (no base
current consumption penalty). Similar argument for ADC (open ADC when needed).
5.
FUNCTIONAL DESCRIPTION
The BL600 BLE module is a self-contained Bluetooth Low Energy product and requires only power and a user’s
smartBASIC application to implement full BLE functionality. The integrated, high performance antenna
combined with the RF and Base-band circuitry provides the Bluetooth Low Energy wireless link, and any of the
SIO lines provide the OEM’s chosen interface connection to the sensors. The user’s smartBASIC application binds
the sensors to the BLE wireless functionality.
The variety of hardware interfaces and the smartBASIC programming language allow the BL600 module to serve
a wide range of wireless applications, whilst reducing overall time to market and the learning curve for
developing BLE products.
To provide the widest scope for integration a variety of physical host interfaces / sensors are provided. The
major BL600 series module functional blocks described below.
5.1
Power Management (includes brown-out and power on reset)
Power management features:
System Standby Doze / Deep Sleep modes.
Brownout Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com