Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPH Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # FPH
Description  Foam-in-place
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

FPH Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  FPH Datasheet HTML 1Page - Laird Tech Smart Technology FPH Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eccostock® FPH
RFP-DS-FPH 112315
Any information furnished by Laird Technologies, Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and application of Laird Technologies materials rests with the end user. Laird
Technologies makes no warranties as to the fitness, merchantability, suitability or non- infringement of any Laird Technologies materials or products for any specific or general uses. Laird Technologies shall not be liable for incidental or consequential damages of any
kind. All Laird Technologies products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird
Technologies, the Laird Technologies Logo, and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the property of third parties. Nothing herein provides a license
under any Laird Technologies or any third party intellectual property rights.
INSTRUCTIONS FOR USE
Caution:
Eccostock FPH contains toluene diisocyanate, an obnoxious and
hazardous material. Handling should be carried out in a well-
ventilated area. The use of rubber gloves and face shield is
recommended. Toluene diisocyanate is an irritant to the skin and
mucous membranes, especially eyes and upper respiratory tract.
Please consult the MSDS for FPH and the associated catalyst before
using this product.
For best results, it is preferable that Eccostock FPH liquids be at or
below room temperature.
Weigh out, into separate containers, the required amount of
Eccostock FPH and catalyst as determined by the table below for the
desired density.
Add the catalyst to the liquid Eccostock FPH and mix rapidly.
Mechanical mixing is preferred. Mixing time will be shorter when
the raw materials are warm. Indications of complete mixing are
color changes from a deep to pale pink and temperature increasing
as the exothermic reaction of foam formation begins. Prolonged
mixing will start the foaming and curing in the mixing container.
Free pour the mixed material into the cavity or mold without
scraping.
Foaming will begin shortly after the batch is poured and, depending
upon the batch size, will usually be complete within a few minutes.
For production uses, the foam can usually be removed from the
mold prior to complete cure.
Cure of the higher density foams is generally complete within a few
hours at room temperature. For foams up to about 0.1 g/cc (6
lb/ft
3) density, an elevated temperature post cure is necessary to
complete the reaction. Friability and an easily powdered surface are
indications of incomplete cure. Post curing conditions depend on
size and configuration. For most purposes a post cure of 4 hours at
93°C (200°F) is adequate.
Molds
Molds are preferably made of aluminum or steel because of high
heat capacity. It is preferable to use a closed mold that will confine
the foam. Small holes or cracks at the top of the mold will allow air
to escape as the foam rises. When the foam completely fills the
mold, it will exert a positive pressure on the mold.
By proper mold design and by pouring a weighed amount in the
mold, it is possible to adjust bulk density. For example, 0.13 g/cc (8
lb/ft
3) foam can be produced by adding the appropriate quantity of
Eccostock FPH and Catalyst to a closed mold.
Eccostock FPH has excellent adhesion to a wide variety of materials.
In the event that release from the mold is desired, silicone mold
releases are recommended. For very small molds small amounts of
petroleum jelly can also be used.
Notes
Under certain conditions, Eccostock FPH will undergo some loss of
solubility of ingredients. This does not apply to the catalyst. Before
use, check each container for clarity. If the material is cloudy, it
should be gently heated to 79°C (175°F) in a well-ventilated oven
and cooled to room temperature or below before use. Containers
should be tightly sealed after use to prevent moisture pick up. The
foaming process is an exothermic reaction.
Consistency of the final density of foam is dependent on
temperature, humidity and mixing technique. The shelf life of this
product is 1 year when stored in unopened containers at
temperatures no higher than 25°C (77°F).
Eccostock FPH at densities less than 0.05 g/cc (3 lb/ft
3) may warp at
temperatures above 93°C (200°F). Higher density materials will
withstand higher temperatures.
Cleanup
Methylene Chloride is recommended for the cleanup of mixing
equipment.
Dynasolve 100 is the only recommended solvent powerful enough to
dissolve away cured urethane foams such as Eccostock FPH.
Information on this product can be found at www.dynaloy.com.
FPH/Catalyst Ratio By Weight
Catalyst
12-2H
12-4H
12- H
12-10H
Parts Catalyst Per 100 Parts FPH Resin
65
75
75
85
Uncon ned Bulk Density, lbs/ 3 (g/cc)
2 (.03)
4 (.06)
6 (.10)
10 (.16)
Desired Bulk Density, lbs/ 3 (g/cc)
2-3 (.03 - .05)
4-5 (.06 - .08)
6-10 (.10 - .16)
10-14 (.16 - .22)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com