Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4151 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC4151
Description  Automotive Sensor Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC4151 Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC4151 Datasheet HTML 1Page - Integrated Device Technology ZSSC4151 Datasheet HTML 2Page - Integrated Device Technology ZSSC4151 Datasheet HTML 3Page - Integrated Device Technology ZSSC4151 Datasheet HTML 4Page - Integrated Device Technology ZSSC4151 Datasheet HTML 5Page - Integrated Device Technology ZSSC4151 Datasheet HTML 6Page - Integrated Device Technology ZSSC4151 Datasheet HTML 7Page - Integrated Device Technology ZSSC4151 Datasheet HTML 8Page - Integrated Device Technology ZSSC4151 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ZSSC4151 Datasheet
© 2016 Integrated Device Technology, Inc.
2
April 20, 2016
1
Brief Description
The ZSSC4151 sensor signal conditioner (SSC) is a CMOS integrated circuit for highly accurate amplification and
sensor-specific correction of bridge sensor signals. Digital compensation of sensor offset, sensitivity, temperature
drift, and non-linearity is accomplished via an internal 16-bit RISC microcontroller running a correction algorithm
with calibration coefficients stored in an EEPROM.
The ZSSC4151 is adjustable to nearly all bridge sensor types. Measured values are provided at the analog
voltage output and at the digital I
2C™* or ZACwire™ interface, also referred to as the One-Wire Interface (OWI).
The digital interfaces can be used for a simple PC-controlled calibration procedure in order to program a set of
calibration coefficients into an on-chip EEPROM. The specific sensor and the ZSSC4151 can be quickly
calibrated together. The ZSSC4151 and the calibration equipment communicate digitally, so the noise sensitivity
is greatly reduced. Digital calibration helps keep assembly cost low as no trimming by external devices or lasers is
needed.
The ZSSC4151 is optimized for automotive environments by overvoltage and reverse-polarity protection circuitry,
excellent electromagnetic compatibility, full automotive temperature range, and multiple diagnostic features.
Figure 1.1 provides a block diagram of the ZSSC4151. Refer to section 5 for definitions of abbreviations.
Figure 1.1
ZSSC4151 Block Diagram
ZSSC4151
SCCM
Mode
Input
Select
MUX
Temp
Sensor
Gain
Select
ADC
Mode
Analog
Front-End
(AFE)
Alternate External
Temperature
Sensor 2
PGA
TS1
TOP
BR1P
BR1N
BOT
TS2
External PN
Temp Sensor
Sensor
Bridge
VSSA
Digital Core
Interfaces
Overvoltage
Protection
VDDE
AOUT
OWI
VSSE
SCL
SDA
ZACwire
TM
DAC /
BAMP
NVM
RAM
ROM
I
2CTM
VDDA
ADC
CMC
Power
Management
* I
2C™ is a trademark of NXP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com