Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3138 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ZSSC3138
Description  Sensor Signal Conditioner for Ceramic Sensor Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3138 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ZSSC3138 Datasheet HTML 9Page - Integrated Device Technology ZSSC3138 Datasheet HTML 10Page - Integrated Device Technology ZSSC3138 Datasheet HTML 11Page - Integrated Device Technology ZSSC3138 Datasheet HTML 12Page - Integrated Device Technology ZSSC3138 Datasheet HTML 13Page - Integrated Device Technology ZSSC3138 Datasheet HTML 14Page - Integrated Device Technology ZSSC3138 Datasheet HTML 15Page - Integrated Device Technology ZSSC3138 Datasheet HTML 16Page - Integrated Device Technology ZSSC3138 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ZSSC3138 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 25, 2016
Table 2.2
Extended Analog Zero Compensation Ranges (XZC)
PGA Gain
aIN
Maximum Span
VIN_SP [mV/V]
Offset Shift / XZC Step
[% VIN_SP]
Maximum Offset Shift
[mV/V]
Maximum Shift (XZC =
±31)
[% VIN_SP]
420
1.8
12.5 %
7.8
388%
280
2.7
7.6 %
7.1
237%
210
3.6
12.5 %
15.5
388%
140
5.4
7.6 %
14.2
237%
105
7.1
12.5 %
31
388%
70
10.7
7.6 %
28
237%
52.5
14.3
12.5 %
32
388%
35
21.4
7.6 %
57
237%
26.3
28.5
5.2 %
52
161%
14
53.75
12.5 %
194
388%
9.3
80
7.6 %
189
237%
7
107
5.2 %
161
161%
2.8
267
0.83 %
72
26%
2.3.3.
Measurement Cycle
The measurement cycle is controlled by the CMC. Depending on EEPROM settings, the multiplexer (MUX)
selects the following input signals in a defined sequence:
• Pre-amplified bridge sensor signal
• Temperature sensor signal
• Internal offset of the input channel (V
OFF)
The cycle diagram in Figure 2.2 shows the basic structure of the measurement cycle. After power-on, the startup
routine is processed, which performs all required measurements to expedite acquiring an initial valid conditioned
sensor output. After the startup routine, the normal measurement cycle runs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com