Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3136BA2T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ZSSC3136BA2T
Description  Sensor Signal Conditioner for Safety Switch Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSSC3136BA2T Datasheet(HTML) 2 Page - Integrated Device Technology

  ZSSC3136BA2T Datasheet HTML 1Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 2Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 3Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 4Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 5Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 6Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 7Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 8Page - Integrated Device Technology ZSSC3136BA2T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Sensor Signal Conditioner for
Safety Switch Applications
ZSSC3136
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 22, 2016
ZSSC3136 Switch Application Example
Sensor Bridge
Out
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
C5
R1
C4
Temperature Sensor
Out
13
12
GPIO
VSUPP
VSUPP
14
GND
R1
2k
Ω
Ordering Information (See data sheet section 8 for complete delivery options.)
Product Sales Code
Description
Package
ZSSC3136BE1
ZSSC3136 die – tested; temperature range -40 to +150 °C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3136BA1
ZSSC3136 die – tested; temperature range -40 to +125 °C
Unsawn wafer: add “B” to sales code
Die on frame: add “C” to sales code
ZSSC3136BE2
ZSSC3136 SSOP14 – temperature range -40 to +150 °C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC3136BA2
ZSSC3136 SSOP14 – temperature range -40 to +125 °C
Tube: add “T” to sales code
Tape & Reel: add “R”
ZSSC313xKITV1.1
ZSSC313x Evaluation Kit, revision 1.1, including Evaluation Board,
ZSSC3136 IC samples, USB cable (software can be downloaded
from the product page www.IDT.com/ZSSC3136)
Kit
ZSSC313x Mass Calibration
System V1.1
Modular Mass Calibration System (MSC) for ZSSC313x including
MCS boards, cable, connectors (software can be downloaded from
the product page www.IDT.com/ZSSC3136)
Kit
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com