Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM86CIM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM86CIM
Description  짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM86CIM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM86CIM Datasheet HTML 1Page - National Semiconductor (TI) LM86CIM Datasheet HTML 2Page - National Semiconductor (TI) LM86CIM Datasheet HTML 3Page - National Semiconductor (TI) LM86CIM Datasheet HTML 4Page - National Semiconductor (TI) LM86CIM Datasheet HTML 5Page - National Semiconductor (TI) LM86CIM Datasheet HTML 6Page - National Semiconductor (TI) LM86CIM Datasheet HTML 7Page - National Semiconductor (TI) LM86CIM Datasheet HTML 8Page - National Semiconductor (TI) LM86CIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Connection Diagram
MSOP-8 or SOIC-8
10130302
TOP VIEW
Ordering Information
Package
Marking
NS Package
Number
Transport
Media
LM86CIMM
T10C
MUA08A
(MSOP-8)
1000 Units on
Tape and Reel
LM86CIMMX
T10C
MUA08A
(MSOP-8)
3500 Units on
Tape and Reel
LM86CIM
LM86CIM
M08A
(SOIC-8)
95 Units in Rail
LM86CIMX
LM86CIM
M08A
(SOIC-8)
2500 Units on
Tape and Reel
Pin Descriptions
Label
Pin #
Function
Typical Connection
V
DD
1
Positive Supply Voltage
Input
DC Voltage from 3.0 V to 3.6 V
D+
2
Diode Current Source
To Diode Anode. Connected to remote discrete
diode conected transistor junction or to the diode
connected transistor junction on a remote IC whose
die temperature is being sensed.
D−
3
Diode Return Current Sink
To Diode Cathode.
T_CRIT_A
4
T_CRIT Alarm Output,
Open-Drain, Active-Low
Pull-Up Resistor, Controller Interrupt or Power
Supply Shutdown Control
GND
5
Power Supply Ground
Ground
ALERT
6
Interrupt Output,
Open-Drain, Active-Low
Pull-Up Resistor, Controller Interrupt or Alert Line
SMBData
7
SMBus Bi-Directional Data
Line, Open-Drain Output
From and to Controller, Pull-Up Resistor
SMBCLK
8
SMBus Input
From Controller, Pull-Up Resistor
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com