Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC240.241D Datasheet(PDF) 21 Page - PULS GmbH

Part # PIC240.241D
Description  24V, 10A, SINGLE PHASE INPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

PIC240.241D Datasheet(HTML) 21 Page - PULS GmbH

Back Button PIC240.241D Datasheet HTML 13Page - PULS GmbH PIC240.241D Datasheet HTML 14Page - PULS GmbH PIC240.241D Datasheet HTML 15Page - PULS GmbH PIC240.241D Datasheet HTML 16Page - PULS GmbH PIC240.241D Datasheet HTML 17Page - PULS GmbH PIC240.241D Datasheet HTML 18Page - PULS GmbH PIC240.241D Datasheet HTML 19Page - PULS GmbH PIC240.241D Datasheet HTML 20Page - PULS GmbH PIC240.241D Datasheet HTML 21Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
PIC240.241D
PIANO-Series
24V, 10A, SINGLE PHASE INPUT
Feb. 2017 / Rev. 1.4 DS-PIC240.241D-EN
All parameters are specified at 24V, 10A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
22.9. OPERATION ON TWO PHASES
Fuse
L2
L1
L3
L
N
PE
Power Supply
AC
DC
internal
fuse
The power supply can also be used on two-phases of a three-phase-system.
Such a phase-to-phase connection is allowed as long as the supplying
voltage is below 240V+10%.
22.10.USE IN A TIGHTLY SEALED ENCLOSURE
When the power supply is installed in a tightly sealed enclosure, the temperature inside the enclosure will be higher
than outside. In such situations, the inside temperature defines the ambient temperature for the power supply.
The following measurement results can be used as a reference to estimate the temperature rise inside the enclosure.
The power supply is placed in the middle of the box; no other heat producing items are inside the box.
Enclosure:
Rittal Type IP66 Box PK 9519 100, plastic, 180x180x165mm
Input:
230Vac
Case A:
Load:
24V, 10A; load is placed outside the box
Temperature inside the box:
48.6°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
24.9°C
Temperature rise:
23.7K
Case B:
Load:
24V, 8A (=80%); load is placed outside the box
Temperature inside the box:
43.7°C (in the middle of the right side of the power supply with a distance of 1cm)
Temperature outside the box:
24.9°C
Temperature rise:
18.8K
21/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com