Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLIP-ON Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # CLIP-ON
Description  FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

CLIP-ON Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  CLIP-ON Datasheet HTML 1Page - Laird Tech Smart Technology CLIP-ON Datasheet HTML 2Page - Laird Tech Smart Technology CLIP-ON Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA: +1.866.928.8181
Europe: +49.0.8031.2460.0
Asia: +86.755.2714.1166
www.lairdtech.com
FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS
As the world’s leading fabricator of fingerstock, Laird has developed highly sophisticated,
and often proprietary, shielding and grounding technology.
Our innovations are necessary to achieve outstanding combinations of performance parameters.
From a vast selection of product configurations, platings and mounting techniques, to a full range
of low compression force requirements and high transfer impedance characteristics, there is a
Laird gasket or grounding product just right for the job.
This series from Laird is designed for use where high temperature or other design considerations
preclude the use of adhesive-mounted gasketing. Yet it provides the same shielding characteristics
and effectiveness as on Sticky Fingers® mounted series. Clip-On Gaskets offer shielding
effectiveness >100 dB for 100 MHz plane wave. All are available in your choice of finishes.
These 97-Series products are also available in UltraSoft® low compression force 98-Series.
All dimensions shown are in inches (millimeters) unless otherwise specified.
D
F
G
MINI CLIP-ON 97-645/646
B
D
H
E
C*
A
F
G
CLIP-ON SERIES 97-603/604/605/606/607
CLIP-ON SERIES
97-610/611/612/613/614/615/616/618/619/620/621/622/623/624
97-627/628/629/630/631/632/633/634/640
CL
Smallest
Opening
I
®
®
0.100 (2.540)
Radius
of Hole
“D” LANCE DETAIL
All
Others
Smallest
Opening
H
F
G
A
E
D
C*
0.080
(2.032)
I
K
0.050 (1.270)
Semi-ellipse
“D” Lance
Recommended
Hole Size
CL
0.100
(2.540)
J
(Inside)
VIEW 1
VIEW 2
B
E
J
C*
A
D
VIEW 3
B
97-618
97-621
97-622
97-623
97-650
97-645
97-646
97-640
97-631
97-632
97-633
97-634
97-628
97-629
97-630
97-616
97-619
97-620
97-624
97-612
97-611
97-613
97-615
97-627
97-610
97-614
97-603
97-604
97-605
97-606
97-607
*Variations in the
clip-on area are
available. Consult
sales department.
Clip-on Series
Fingerstock Gaskets


Similar Part No. - CLIP-ON

ManufacturerPart #DatasheetDescription
logo
ABL Aluminium Component...
CLIP 01 ABL-CLIP 01 Datasheet
749Kb / 6P
HEATSINK SELECTION
CLIP 02 ABL-CLIP 02 Datasheet
749Kb / 6P
HEATSINK SELECTION
CLIP 03 ABL-CLIP 03 Datasheet
749Kb / 6P
HEATSINK SELECTION
CLIP 04 ABL-CLIP 04 Datasheet
749Kb / 6P
HEATSINK SELECTION
CLIP 05 ABL-CLIP 05 Datasheet
749Kb / 6P
HEATSINK SELECTION
More results

Similar Description - CLIP-ON

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST44A ETC1-ST44A Datasheet
181Kb / 2P
PROPRIETARY TO PEAK PLASTIC & METAL PRODUCTS (INTERNATIONAL)
logo
Glenair, Inc.
559-002-02 GLENAIR-559-002-02 Datasheet
31Kb / 1P
EMI/Environmental Gaskets
logo
List of Unclassifed Man...
73862 ETC2-73862 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
73616 ETC2-73616 Datasheet
612Kb / 4P
Statshield Smocks Grounding, Testing and Maintenance
25SMT-4442-03 ETC2-25SMT-4442-03 Datasheet
76Kb / 2P
supersoft smt emi gaskets and grounding pads
logo
Ralston Instruments.
QTHP-RESV RALSTON-QTHP-RESV Datasheet
280Kb / 1P
Polycarbonate Liquid reservoir and (2) gaskets
logo
List of Unclassifed Man...
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
logo
Laird Tech Smart Techno...
ALTERNATE-SLOT LSTD-ALTERNATE-SLOT Datasheet
439Kb / 2P
Alternate Slot Series Fingerstock Gaskets
logo
Cirrus Logic
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
Demonstrates recommended layout and grounding arrangements
logo
List of Unclassifed Man...
AMAP1EVB ETC2-AMAP1EVB Datasheet
3Mb / 1P
MCU and SoC Products
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com