Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML60.122 Datasheet(PDF) 21 Page - PULS GmbH

Part # ML60.122
Description  12V, 4.5A, SINGLE PHASE INPUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML60.122 Datasheet(HTML) 21 Page - PULS GmbH

Back Button ML60.122 Datasheet HTML 15Page - PULS GmbH ML60.122 Datasheet HTML 16Page - PULS GmbH ML60.122 Datasheet HTML 17Page - PULS GmbH ML60.122 Datasheet HTML 18Page - PULS GmbH ML60.122 Datasheet HTML 19Page - PULS GmbH ML60.122 Datasheet HTML 20Page - PULS GmbH ML60.122 Datasheet HTML 21Page - PULS GmbH ML60.122 Datasheet HTML 22Page - PULS GmbH ML60.122 Datasheet HTML 23Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ML60.122
MiniLine-2
12V, 4.5A, SINGLE PHASE INPUT
22.9. SERIES OPERATION
Power supplies of the exact same type can be connected in series for higher
output voltages. It is possible to connect as many units in series as needed,
providing the sum of the output voltage does not exceed 150Vdc. Voltages
with a potential above 60Vdc are not SELV any more and can be dangerous.
Such voltages must be installed with a protection against touching. Earthing of
the output is required when the sum of the output voltage is above 60Vdc.
Avoid return voltage (e.g. from a decelerating motor or battery) which is
applied to the output terminals. Keep an installation clearance of 15mm (left /
right) between two power supplies and avoid installing the power supplies on
top of each other. Do not use power supplies in series in mounting
orientations other than the standard mounting orientation (input terminals on the bottom and output terminals on
top of the unit). Be aware that leakage current, EMI, inrush current and harmonics will increase when using multiple
power supplies in series.
Earth
Unit A
AC
DC
Unit B
AC
DC
-
+
-
+
Load
+
-
22.10.OPERATION ON TWO PHASES
Fuse
L2
L1
L3
L
N
PE
Power Supply
AC
DC
internal
fuse
The power supply can also be used on two-phases of a three-phase-system.
A phase-to-phase connection is allowed as long as the supplying voltage is
below 240V+10%. Use a fuse or a circuit breaker to protect the N input. The
N input is not internally protected and is in this case connected to a hot
wire. Appropriate fuses or circuit breakers are specified in section 22.4
“External Input Protection”.
22.11.USE WITHOUT PE ON THE INPUT
From a safety standpoint, the unit is internally designed according to the requirements for Protection Class 1 and 2.
Please contact PULS if you do not plan to use the PE terminal. A different marking of the front foil is then required.
Grounding of the input is beneficial for a high EMI immunity: Symmetrical spikes or fast transients on the input side
can be conducted directly to earth by the built-in filter capacitors. The magnitude of such spikes or fast transients on
the output side caused by the input is much smaller compared to not connecting this terminal to ground.
Fig. 22-5 Earthed input
Fig. 22-6 Not earthed input
21/23
Surge
Y
X
L
N
Ground
Power Supply
+
-
Surge
X
L
N
Power Supply
+
-
Spike
24V
Nov. 2015 / Rev. 1.4 DS--ML60.122-EN
All parameters are specified at 12V, 4.5A, 230Vac 50Hz input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com