Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLY02.100 Datasheet(PDF) 13 Page - PULS GmbH

Part # MLY02.100
Description  DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

MLY02.100 Datasheet(HTML) 13 Page - PULS GmbH

Back Button MLY02.100 Datasheet HTML 8Page - PULS GmbH MLY02.100 Datasheet HTML 9Page - PULS GmbH MLY02.100 Datasheet HTML 10Page - PULS GmbH MLY02.100 Datasheet HTML 11Page - PULS GmbH MLY02.100 Datasheet HTML 12Page - PULS GmbH MLY02.100 Datasheet HTML 13Page - PULS GmbH MLY02.100 Datasheet HTML 14Page - PULS GmbH MLY02.100 Datasheet HTML 15Page - PULS GmbH MLY02.100 Datasheet HTML 16Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MLY02.100
MiniLine
MLY-Series
DC12-48V (120V), 10A, DUAL REDUNDANCY MODULE
14. PHYSICAL DIMENSIONS AND WEIGHT
Weight
140g / 0.31lb
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
The DIN-rail height must be added to the unit depth (91mm) to calculate the total required
installation depth.
Installation clearances
See chapter 2
Fig. 14-1 Front view
Fig. 14-2 Side view
15. ACCESSORIES
DIN-Rail bracket for wall or panel mount:
A suitable DIN-rail bracket is available on request.
The picture of the power supply is for representation only
Apr. 2014 / Rev. 1.3 DS-MLY02.100-EN
All parameters are specified at 24V, 10A output current, 25°C ambient and after a 5 minutes run-in time unless otherwise noted
www.pulspower.com Phone +49 89 9278 0
Germany
13/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com