Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8658WPR Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # S8658WPR
Description  Weather and UV resistant radome
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

S8658WPR Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  S8658WPR Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S8658WPR S8658WPL
Circular Polarity Wide Band RFID Panel Antenna
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +44.1628.858941
IAS-EUSales@lairdtech.co
Asia: +86.21.5855.0827.127
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
Low profile
Extremely low VSWR and axial ratio
Wide band
Weather and UV resistant radome
Wide range of connector and cable options
Left hand and right hand CP versions
APPLICATIONS
Warehouse
Distribution center
Airports and hospitals
Transit terminals
Conveyer belt
865-960 MHz 8.5 dBic CIRCULAR POLARITY PANEL
The Laird S8658WPR antenna is a circularly polarized panel antenna that provides reception and
transmission of signals in the 865-960 MHz frequency band. Laird's industry renowned design
methodology achieves maximum efficiency and performance across the entire frequency band.
Both VSWR and axial ratios are both excellent and allow the user to achieve the maximum
performance for an antenna of this type. The antenna is housed in a heavy duty radome enclosure
that can be directly wall mounted. An optional articulating mount allows either wall or mast
mounting. The antenna is offered with an integrated coax pigtail and a variety of connector types
are available.
0
350
340
330
320
310
300
290
280
270
260
250
240
230
220
210
200
190
180
170
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
-20
-10
0
d
B
902
MHz
SPECIFICATIONS
Antenna Part Number
S8658WPR and S8658WPL
Frequency Range
865 - 960 MHz
Gain
8.5 dBic
Maxium VSWR
1.4:1
3 dB Beamwidth - Azimuth
65°
Front to Back Ratio
20 dB
Polarization
Circular Right-hand or circular Left-hand
Maxium Input Power
3 Watts
Input Impedence
50 Ohms
Axial Ratio
1dB
Weight (Kg)
2.5 lbs (1.13)
Mechanical Size (mm)
10.2” x 10.2” x 1.32” (259 x 259 x 34)
Antenna Connection
Coax Pigtail, Rev TNC Male (others available)
Radome
High Strength PC
Mount Style
Threaded Stud
Temperature Operational
-25°C to +70°C
Lightning Protection
DC Grounded
Environmental Rating
IP 54
ANT-DS-S8658WPR S8658WPL_0915
Any information furnished by Laird Inc. and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use and
application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness, merchantability
or suitability of any Laird materials or products for any specific or general uses. Laird shall not be liable for incidental or consequential damages of any kind. All Laird products are
sold pursuant to the Laird Terms and Conditions of sale in effect from time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Inc. All Rights Reserved.
Laird, Laird Technologies, the Laird Logo, and other marks are trade marks or registered trade marks of Laird Inc. or an affiliate company thereof. Other product or service names
may be the property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights.


Similar Part No. - S8658WPR

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
logo
Hamamatsu Corporation
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
145Kb / 8P
CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_15 Datasheet
247Kb / 9P
TDI-CCD area image sensor
More results

Similar Description - S8658WPR

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PAS69278 LSTD-PAS69278 Datasheet
511Kb / 2P
Weatherproof UV stable radome
S9025P LSTD-S9025P Datasheet
737Kb / 2P
Weather and UV resistant radome
S5151290P12SMF LSTD-S5151290P12SMF Datasheet
526Kb / 1P
UV stable weatherproof radome
S2408MD12NF LSTD-S2408MD12NF Datasheet
774Kb / 1P
UV stabile thermoplastic radome
S9028PCL LSTD-S9028PCL Datasheet
694Kb / 1P
Weather and UV resistant radome
OC80271 LSTD-OC80271 Datasheet
1Mb / 2P
Weatherproof UV stable radome
PAL86518H-FNF LSTD-PAL86518H-FNF Datasheet
2Mb / 1P
Weather and UV resistant radome
OC58509 LSTD-OC58509 Datasheet
1Mb / 2P
UV Stable polycarbonate radome
S3307BPNF LSTD-S3307BPNF Datasheet
732Kb / 1P
Weather proof UV stabile radome
S8656XR LSTD-S8656XR Datasheet
240Kb / 2P
Weather resistant radome
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com