Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNN60-RXP Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # SNN60-RXP
Description  SNN60-RXP Form-In-Place
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SNN60-RXP Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  SNN60-RXP Datasheet HTML 1Page - Laird Tech Smart Technology SNN60-RXP Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
SNN60-RXP
Form-In-Place
TYPICAL VALUES
SNN60-RXP Form-In-Place
A rapid cure, silver/nickel-filled silicone elastomer Form-In-Place gasket material.
Laird Technologies introduces another product in the EMI Sentry family. These Form-In-Place pastes are
extremely fast curing with reliable shielding effectiveness and strength.
Laird Technologies’ Form-In-Place is an automated system for dispensing conductive elastomer EMI shielding
and grounding gaskets onto metal or plastic substrates. This product is particularly ideal for base stations,
PDAs, PC cards, radios, mobile phones, as well as many other cast or plastic enclosures and packaged
electronic assemblies.
(a)
Compression-deflectionbeadsize0.62mm(H)x0.70mm(W)
global solutions: local support
TM
Americas: +1 866.928.8181
Europe: +49 8031.2460.0
Asia: +86 755.2714.1166
www.lairdtech.com
TEST METHOD
UNITS
SNN60-RXP
Elastomer
Silicone
Filler
Silver/Nickel
Color
Tan
ELECTRICAL PROPERTIES
Volume Resistivity
ohm-cm
0.005
Shielding Effectiveness
MIL-DTL-83528C
200MHzto10GHz
Para.4.5.12
dB
>100
PHYSICAL PROPERTIES
Hardness
ASTMD2240
Shore A
60
Tensile Strength
ASTMD412
psi
192
Tensile Elongation
ASTMD412
%
110
Density (cured)
ASTMD792
g/cm3
3.9
Density (uncured)
LT-FIP-CLE-09
g/cm3
3.1
Compression Set
ASTMD395
%
15
Adhesion Strength (Al)
LT-FIP-CLE-03
N/cm2
180
Compression-Deflection(a)
LT-FIP-CLE-07
at20%compression
lb/in
1.7
at40%compression
lb/in
6.4
Temperature Range
°C
-50°Cto125°C
UL rating
UL-94
V0
CURING REQUIREMENTS
Cure Conditions
15°Cto40°C,50%relativehumidity
At22°Cand50%RH
LT-FIP-CLE-14
Time before handling
1hour
Full Cure
24hours
rev.03/17/10
* does not represent
actual color


Similar Part No. - SNN60-RXP

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SNN65-HXP LSTD-SNN65-HXP Datasheet
430Kb / 1P
Form-In-Place
More results

Similar Description - SNN60-RXP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4CH40SB IRF-IRG4CH40SB Datasheet
22Kb / 1P
IGBT Die in Wafer Form
HF20A060ACE IRF-HF20A060ACE Datasheet
33Kb / 1P
Hexfred Die in Wafer Form
logo
InterFET Corporation
HF51A060ACE INTERFET-HF51A060ACE Datasheet
18Kb / 1P
Hexfred Die in Wafer Form
logo
Solid State Optronic
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in 1 Package
AD4C743 SSOUSA-AD4C743 Datasheet
358Kb / 9P
1 Form A / 1 Form B Integrated in Single Package
logo
Laird Tech Smart Techno...
FPH LSTD-FPH Datasheet
140Kb / 2P
Foam-in-place
SNL70-HXP LSTD-SNL70-HXP Datasheet
1Mb / 2P
Form-In-Place
SNC70-HXP LSTD-SNC70-HXP Datasheet
364Kb / 1P
Form-In-Place
SNC70-HXP-AD LSTD-SNC70-HXP-AD Datasheet
252Kb / 1P
SNC70-HXP-AD FORM-IN-PLACE DESCRIPTION
SNN65-HXP LSTD-SNN65-HXP Datasheet
430Kb / 1P
Form-In-Place
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com