Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9040M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9040M
Description  Dual Lambda Sensor Interface Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9040M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9040M Datasheet HTML 2Page - National Semiconductor (TI) LM9040M Datasheet HTML 3Page - National Semiconductor (TI) LM9040M Datasheet HTML 4Page - National Semiconductor (TI) LM9040M Datasheet HTML 5Page - National Semiconductor (TI) LM9040M Datasheet HTML 6Page - National Semiconductor (TI) LM9040M Datasheet HTML 7Page - National Semiconductor (TI) LM9040M Datasheet HTML 8Page - National Semiconductor (TI) LM9040M Datasheet HTML 9Page - National Semiconductor (TI) LM9040M Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Cold Sensor
Typically a Lambda sensor will have an impedance of less
than 10 kX when operating at temperatures between 300 C
and 500 C When a Lambda sensor is not at operating tem-
perature its impedance can be more than 10 MegX Any
voltage signal that may be developed is seriously attenuat-
ed During this high impedance condition the LM9040 will
provide a default output voltage
TLH12372 – 19
FIGURE 9 VOUT with Cold Lambda Sensor
Each amplifier input has a bias charge applied across the
Differential Input impedance (ZDIFF) by means of charge
redistribution through the switched capacitor network This
bias charge is a ratio of VCC and is typically 447 mV for a
VCC value of 500V This will provide an output voltage of
typically 2025V
While the Lambda sensor is high impedance the 447 mV
across ZDIFF will be the dominant input signal As the Lamb-
da sensor is heated and the sensor impedance begins to
drop the voltage signal from the sensor will become the
dominate signal
Output Resistance
With normal operation each output has typically 25 kX of
resistance This resistance along with an external capaci-
tor form a RC low pass filter to remove any clock noise
from the output signal An external output filter capacitor
value of 001 mF is recommended Additionally the output
resistance will provide current limiting for the output stage
should it become shorted to Ground or VCC
Any DC loading of the output will cause an error in the mea-
sured output voltage This error will be equal to the I
R drop
across the output resistance
VERROR e ILOAD  25 kX
Open Input Pins Defaults
In any remote sensor application it is desirable to be able to
deal with the possibility of open connections between the
sensor and the control module The LM9040 is capable of
providing an output voltage scaled to VCC should either or
both of the wires to the Lambda sensor open The two
inputs handle the open circuit condition differently The
LM9040 will provide a default VOUT that is typically 2025V
when VCC is at 5V
For the case of an open connection of the non-inverting
input the device would react the same as for the Cold Sen-
sor condition The internal bias voltage across ZIN would
cause the output voltage to be at a value defined by VCC
and the LM9040 DC gain The inverting input would still be
connected to the Lambda sensor ground so any common
mode signals would still need to be allowed for in this condi-
tion See
Figure 9
For the case of an open connection of the inverting input
the device output stage switches from the amplifier output
to a resistive voltage divider In this case the default VOUT
is not dependent on the gain stage and any signal on the
non-inverting input will have no effect on the output Each
amplifier has a comparator to monitor the voltage on the
inverting input pin When the voltage on an inverting pin
goes above typically 25V the comparator will switch the
output from the amplifier output to the voltage divider stage
To fully implement this function requires external pull-up re-
sistors for each of the inverting inputs To minimize signal
errors due to DC currents through the 4 kX resistors the
pull-up resistors need to be added in the application circuit
between the 4 kX input resistor and the connection to the
Lambda sensor ground point A typical pull-up value of
51 kX to VCC is recommended During this condition the
effective resistance of the output stage will be 35 kX typi-
cally See
Figure 10
TLH12372 – 20
FIGURE 10 VOUT with Open Inverting Input
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com