Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS501BMIT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS501BMIT
Description  LOCO??PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS501BMIT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS501BMIT Datasheet HTML 1Page - Integrated Circuit Systems ICS501BMIT Datasheet HTML 2Page - Integrated Circuit Systems ICS501BMIT Datasheet HTML 3Page - Integrated Circuit Systems ICS501BMIT Datasheet HTML 4Page - Integrated Circuit Systems ICS501BMIT Datasheet HTML 5Page - Integrated Circuit Systems ICS501BMIT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOCO™ PLL Clock Multiplier
MDS 501B C
3
Revision 120704
In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com
ICS501B
External Components
Decoupling Capacitor
As with any high-performance mixed-signal IC, the
ICS501B must be isolated from system power supply
noise to perform optimally.
A decoupling capacitor of 0.01µF must be connected
between VDD and the GND. It must be connected
close to the ICS501B to minimize lead inductance. No
external power supply filtering is required for the
ICS501B.
Series Termination Resistor
A 33
Ω terminating resistor can be used next to the CLK
pin for trace lengths over one inch.
Crystal Load Capacitors
The total on-chip capacitance is approximately 12 pF. A
parallel resonant, fundamental mode crystal should be
used. The device crystal connections should include
pads for small capacitors from X1 to ground and from
X2 to ground. These capacitors are used to adjust the
stray capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal capacitors, if
needed, must be connected from each of the pins X1
and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -12 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 16 pF
load capacitance, each crystal capacitor would be 8 pF
[(16-12) x 2] = 8.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com